Electronic Components Datasheet Search
  English  ▼

X  

LM6588 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM6588
Description  TFT-LCD Quad, 16V RRIO High Output Current Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM6588 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LM6588 Datasheet HTML 8Page - National Semiconductor (TI) LM6588 Datasheet HTML 9Page - National Semiconductor (TI) LM6588 Datasheet HTML 10Page - National Semiconductor (TI) LM6588 Datasheet HTML 11Page - National Semiconductor (TI) LM6588 Datasheet HTML 12Page - National Semiconductor (TI) LM6588 Datasheet HTML 13Page - National Semiconductor (TI) LM6588 Datasheet HTML 14Page - National Semiconductor (TI) LM6588 Datasheet HTML 15Page - National Semiconductor (TI) LM6588 Datasheet HTML 16Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
TFT Display Application (Continued)
8KHz to 160KHz, which is much lower than the gain band-
width of most op amps. As a result, the V
COM load adds very
little phase lag when op amp loop gain is unity, and this
allows the V
COM Driver to remain stable. This was verified by
measuring the small-signal bandwidth of the LM6588 with
the RC load of Figure 4. When driving an RC load of 50nF
and 20
Ω, the LM6588 has a unity gain frequency of 6.12MHz
with 41.5˚C of phase margin. If the load capacitor is in-
creased to 200nF and the resistance remains 20
Ω, the unity
gain frequency is virtually unchanged: 6.05MHz with 42.9˚C
of phase margin.
AV
COM Driver’s large-signal response time is determined by
the op amp’s maximum output current, not by its slew rate.
This is easily shown by calculating how much output current
is required to slew a 50nF load capacitance at the LM6588
slew rate of 14V/µs:
I
OUT = 14V/µs x 50nF
= 700mA
700mA exceeds the maximum current specification for the
LM6588 and almost all other op amps, confirming that a
V
COM driver’s speed is limited by its peak output current. In
order to minimize V
COM transients, the op amp used as a
V
COM Driver must supply large values of output current.
Figure 5 is a common test circuit used for measuring V
COM
driver response time. The RC network of R
L1 to RL3 and C1
to C
4 models the distributed RC load of a VCOM line. This RC
network is a gross simplification of what the actual imped-
ance is on a TFT panel. However, it does provide a useful
test for measuring the op amp’s transient response when
driving a large capacitive load. A low impedance MOSFET
driver applies a 5V square wave to V
SW, generating large
current pulses in the RC network. Scope photos from this
circuit are shown in Figure 6 and Figure 7. Figure 6 shows
the test circuit generates positive and negative voltage
spikes with an amplitude of ±3.2V at the V
COM node, and
both transients settle-out in approximately 2µs. As men-
tioned before, the speed at which these transients settle-out
is a function of the op amp’s peak output current. The I
OUT
trace in Figure 7 shows that the LM6588 can sink and source
peak currents of −200mA and 200mA. This ability to supply
large values of output current makes the LM6588 extremely
well suited for V
COM Driver applications.
20073429
FIGURE 4. V
COM Driver with Simplified Load
20073430
FIGURE 5. V
COM Driver Test Circuit
20073431
FIGURE 6. V
SW and VCOM Waveforms from VCOM
20073432
FIGURE 7. V
SW and IOUT Waveforms from VCOM Test
Circuit
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com