Electronic Components Datasheet Search
  English  ▼

X  

LMX2364SLEX Datasheet(PDF) 29 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX2364SLEX
Description  2.6 GHz PLLatinum Fractional RF Frequency Synthesizer with 850 MHz Integer IF Frequency Synthesizer
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2364SLEX Datasheet(HTML) 29 Page - National Semiconductor (TI)

Back Button LMX2364SLEX Datasheet HTML 25Page - National Semiconductor (TI) LMX2364SLEX Datasheet HTML 26Page - National Semiconductor (TI) LMX2364SLEX Datasheet HTML 27Page - National Semiconductor (TI) LMX2364SLEX Datasheet HTML 28Page - National Semiconductor (TI) LMX2364SLEX Datasheet HTML 29Page - National Semiconductor (TI) LMX2364SLEX Datasheet HTML 30Page - National Semiconductor (TI) LMX2364SLEX Datasheet HTML 31Page - National Semiconductor (TI) LMX2364SLEX Datasheet HTML 32Page - National Semiconductor (TI) LMX2364SLEX Datasheet HTML 33Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 39 page
background image
Programming Description (Continued)
2.6.3 RF_CP[1:0] — Charge Pump Gain, RF Synthesizer
The RF_CP word is used to control the charge pump gain for the RF synthesizer. Four different CP gains are supported ranging
from 1 to 16 mA. Note that when RF FastLock mode is enabled and the synthesizer is operating in the FastLock state, the charge
pump gain is controlled by the RF_CPF[1:0] control word. Higher charge pump currents yield slightly better phase noise, but lead
to larger loop filter capacitors and slightly higher current consumption in cases where the comparison frequency is very high.
RF_CP[1:0]
Charge Pump Current
01 mA
14 mA
28 mA
316 mA
2.6.4 RF_CPP — Phase Detector Polarity, RF Synthesizer
This bit controls the polarity of phase detector for the RF synthesizer. It should be set to one when the chosen RF VCO has
positive tuning gain, and zero when the tuning gain is negative.
2.6.5 RF_P — Prescaler, RF Synthesizer
The RF synthesizer utilizes a selectable quadruple modulus prescaler. RF_P selects between the 8/9/12/13 prescaler and the
16/17/20/21 prescaler as described in the table below.
RF_P[1:0]
Selected Prescaler
0
8 (8/9/12/13)
1
16 (16/17/20/21)
2.6.6 RF_RST — Counter Reset, RF Synthesizer
The RF Counter Reset enable bit when activated (RF_RST = 1) allows the reset of both the RF N and RF R dividers. Upon
powering up, the N counter resumes counting in "close" alignment with the R counter. The maximum error is one prescaler cycle.
www.national.com
29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com