Electronic Components Datasheet Search
  English  ▼

X  

LMX2364SLEX Datasheet(PDF) 32 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX2364SLEX
Description  2.6 GHz PLLatinum Fractional RF Frequency Synthesizer with 850 MHz Integer IF Frequency Synthesizer
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2364SLEX Datasheet(HTML) 32 Page - National Semiconductor (TI)

Back Button LMX2364SLEX Datasheet HTML 28Page - National Semiconductor (TI) LMX2364SLEX Datasheet HTML 29Page - National Semiconductor (TI) LMX2364SLEX Datasheet HTML 30Page - National Semiconductor (TI) LMX2364SLEX Datasheet HTML 31Page - National Semiconductor (TI) LMX2364SLEX Datasheet HTML 32Page - National Semiconductor (TI) LMX2364SLEX Datasheet HTML 33Page - National Semiconductor (TI) LMX2364SLEX Datasheet HTML 34Page - National Semiconductor (TI) LMX2364SLEX Datasheet HTML 35Page - National Semiconductor (TI) LMX2364SLEX Datasheet HTML 36Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 39 page
background image
Programming Description (Continued)
2.8 R5 REGISTER
The R5 Register is used to setup and control the FastLock circuitry for the RF synthesizer.
Reg
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9876543210
DATA[20:0]
C2
C1
C0
R5
0
RF_
CSR[1:0]
RF_
OM[1:0]
RF_
CPF[1:0]
RF_TOC[13:0]
1
0
1
2.8.1 RF_TOC[13:0] — FastLock Timeout Counter, RF Synthesizer
The RF_TOC[13:0] word controls the operation of the RF FastLock circuitry as well as the function of the FLoutRF output pin.
When RF_TOC is set to a value between 0 and 3, the RF timeout counter is disabled and the FLoutRF pin operates as a general
purpose I/O pin. When RF_TOC is set to a value between 4 and 16383, the RF FastLock mode is enabled and FLoutRF is utilized
as the RF FastLock output pin. The value programmed into RF_TOC represents the number of phase comparison cycles that the
RF synthesizer will spend in the FastLock state.
RF_TOC[13:0]
FastLock Mode
FastLock Period
[CP Events]
FLoutRF Pin Functionality
0
Disabled
N/A
High Impedance
1
Disabled
N/A
Logic LOW State
2
Manual
N/A
Logic LOW State. Force RF Change Pump to 16 mA
3
Disabled
3
Logic HIGH State
4
Enabled
4
FastLock
…
Enabled
…
FastLock
16,383
Enabled
16383
FastLock
2.8.2 RF_CPF[1:0] — FastLock Charge Pump Gain, RF Synthesizer
The RF_CPF[1:0] word is used to control the charge pump gain for the RF synthesizer when FastLock is enabled and engaged.
Four different CP gains are supported ranging from 1 to 16 mA. Note that when RF FastLock mode is disengaged or disabled the
charge pump gain is controlled by RF_CP[1:0].
RF_CPF[1:0]
Charge Pump Current
01 mA
14 mA
28 mA
316 mA
2.8.3 RF_OM[1:0] — RF Synthesizer Operating Mode
RF_OM[1:0] controls the operating mode of the RF synthesizer. The various operating modes are described below:
RF Synthesizer Operating Mode Descriptions
RF_OM
FE<R6[16]>
Operating Mode
Operating Mode Description
0
0
Integer
RF synthesizer always operates as an Integer N PLL
1
1
Fractional
RF synthesizer always operates as a Fractional N PLL
2
X
Reserved
Do Not use this mode
3
X
Reserved
Do Not use this mode.
Note that the Fractional Enable Bit, FE (R6[16]) needs to be set appropriately. Enabling the fractional compensation in Integer
mode always degrades performance. It is generally recommended to enable it in fractional mode, although there may be some
rare exceptions that it may be set to 0.
2.8.4 RF_CSR[1:0] — Cycle Slip Reduction Control, RF Synthesizer
RF_CSR[1:0] controls the operation of the cycle slip reduction circuitry. This circuit can be used eliminate the occurrence of phase
detector cycle slips when operating in Fractional Mode (RF_OM = 1). When operating in integer mode,the cycle slip reduction
circuitry should be disabled by setting RF_CSR = 0.
RF_CSR
CSR State
Sample Rate Reduction Factor
0
Disabled
N/A
1
Enabled
1/2
2
Enabled
1/4
3
Enabled
1/8
www.national.com
32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com