Electronic Components Datasheet Search
  English  ▼

X  

LMX2364SLEX Datasheet(PDF) 31 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX2364SLEX
Description  2.6 GHz PLLatinum Fractional RF Frequency Synthesizer with 850 MHz Integer IF Frequency Synthesizer
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2364SLEX Datasheet(HTML) 31 Page - National Semiconductor (TI)

Back Button LMX2364SLEX Datasheet HTML 27Page - National Semiconductor (TI) LMX2364SLEX Datasheet HTML 28Page - National Semiconductor (TI) LMX2364SLEX Datasheet HTML 29Page - National Semiconductor (TI) LMX2364SLEX Datasheet HTML 30Page - National Semiconductor (TI) LMX2364SLEX Datasheet HTML 31Page - National Semiconductor (TI) LMX2364SLEX Datasheet HTML 32Page - National Semiconductor (TI) LMX2364SLEX Datasheet HTML 33Page - National Semiconductor (TI) LMX2364SLEX Datasheet HTML 34Page - National Semiconductor (TI) LMX2364SLEX Datasheet HTML 35Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 39 page
background image
Programming Description (Continued)
2.7.3 RF_PD — RF Synthesizer Power Down
Activation of the RF Synthesizer power down bit results in the disabling of the respective N divider and de-biasing of its respective
Fin inputs (to a high impedance state). The respective R divider functionality also becomes disabled when the power down bit is
activated. The OSCinRF pin reverts to a high impedance state when both RF and IF power down bits are asserted. Power down
forces the respective charge pump and phase comparator logic to a TRI-STATE condition. The MICROWIRE control register
remains active and capable of loading and latching in data during all of the power down modes.
Both synchronous and asynchronous power down modes are available with the LMX2364 in order to adapt to different types of
applications. The power down mode bit R6[8] is used to select between synchronous and asynchronous power down. The
MICROWIRE control register remains active and capable of loading and latching in data in either power down mode.
Synchronous Power down Mode: The RF synthesizer can be synchronously powered down by first setting the power down
mode bit HIGH (R6[8] = 1) and then asserting its power down bit (R4[23] = 1). The power down function is gated by the charge
pump. Once the power down bit is loaded, the part will go into power down mode upon the completion of a charge pump pulse
event.
Asynchronous Power down Mode: The RF synthesizer can be asynchronously powered down by first setting the power down
mode bit LOW (R6[8] = 0) and then asserting its power down bit (R4[23]] = 1). The power down function is NOT gated by the
charge pump. Once the power down bit is loaded, the part will go into power down mode immediately
www.national.com
31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com