Electronic Components Datasheet Search
  English  ▼

X  

LTPH245 Datasheet(PDF) 23 Page - Seiko Instruments Inc

Part # LTPH245
Description  LINE THERMAL PRINTER MECHANISM TECHNICAL REFERENCE
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

LTPH245 Datasheet(HTML) 23 Page - Seiko Instruments Inc

Back Button LTPH245 Datasheet HTML 19Page - Seiko Instruments Inc LTPH245 Datasheet HTML 20Page - Seiko Instruments Inc LTPH245 Datasheet HTML 21Page - Seiko Instruments Inc LTPH245 Datasheet HTML 22Page - Seiko Instruments Inc LTPH245 Datasheet HTML 23Page - Seiko Instruments Inc LTPH245 Datasheet HTML 24Page - Seiko Instruments Inc LTPH245 Datasheet HTML 25Page - Seiko Instruments Inc LTPH245 Datasheet HTML 26Page - Seiko Instruments Inc LTPH245 Datasheet HTML 27Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 64 page
background image
3-10
3.4.3
Precautions for Driving the Motor
(1) Motor Current Control
When the motor speed decreases during printing because of the division drive method, the contents of
print data, or input data transfer speed, noise and overheating of the motor may occur due to over-
torque of the motor.
To prevent these symptoms from occurring, control the motor current as follows:
First, activate the motor with the 1st setting current in each motor drive step.
Change the activation current to the 2nd setting current after activating the motor with the 1st setting
current for T1.
T1 is defined from each period of the motor drive step and Vp voltage as follows:
How to define T1 (unit:
µµµµs)
When Vp is under 7.2 V :
T1:
Compare the following two values and adopt the smaller one.
(Each period of the motor drive step - 500) and 925.9
When Vp is 7.2 V or more :
T1:
Compare the following two values and adopt the smaller one.
(Each period of the motor drive step - 500) and (1000000 / (3600 - Vp
× 350))
CTCRL
T1
T1
T1
T1
T1
PH1
PH2
PH3
PH4
Start
1st step
2nd step
3rd step
4th step
230mA
150mA
(6.58ms)
(6.58ms)
(4.07ms)
(3.14ms)
(2.64ms)
Set the 1st setting current at CTCRL=“High”:
0.23 (A)
Set the 2nd setting current at CTCRL=“Low”:
0.15 (A)
Figure 3-6 Motor Drive Timing Chart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com