Electronic Components Datasheet Search
  English  ▼

X  

LTPH245 Datasheet(PDF) 29 Page - Seiko Instruments Inc

Part # LTPH245
Description  LINE THERMAL PRINTER MECHANISM TECHNICAL REFERENCE
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

LTPH245 Datasheet(HTML) 29 Page - Seiko Instruments Inc

Back Button LTPH245 Datasheet HTML 25Page - Seiko Instruments Inc LTPH245 Datasheet HTML 26Page - Seiko Instruments Inc LTPH245 Datasheet HTML 27Page - Seiko Instruments Inc LTPH245 Datasheet HTML 28Page - Seiko Instruments Inc LTPH245 Datasheet HTML 29Page - Seiko Instruments Inc LTPH245 Datasheet HTML 30Page - Seiko Instruments Inc LTPH245 Datasheet HTML 31Page - Seiko Instruments Inc LTPH245 Datasheet HTML 32Page - Seiko Instruments Inc LTPH245 Datasheet HTML 33Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 64 page
background image
3-16
3.5.4
Head Voltage
The printer has a built-in head driver IC. Table 3-8 shows the head voltage.
Table 3-8 Head Voltage
Item
Voltage Range
Head drive voltage
Vp
4.2 to 8.5 V
Head logic voltage
Vdd
4.5 to 5.5 V
3.5.5
Peak Current
Since the peak current (maximum current) may reach the values calculated using equation (2) when the
thermal head is driven, make sure that the allowable current for the cable material and the voltage drop
on the cables are well within the specified range.
Equation (2):
Ip:
Peak current (A)
N:
Number of dots that are driven simultaneously
Vp:
Head drive voltage (V)
RH:
Head resistance (
Ω)
N
× Vp
Ip=

RH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com