Electronic Components Datasheet Search
  English  ▼

X  

LTPH245 Datasheet(PDF) 24 Page - Seiko Instruments Inc

Part # LTPH245
Description  LINE THERMAL PRINTER MECHANISM TECHNICAL REFERENCE
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

LTPH245 Datasheet(HTML) 24 Page - Seiko Instruments Inc

Back Button LTPH245 Datasheet HTML 20Page - Seiko Instruments Inc LTPH245 Datasheet HTML 21Page - Seiko Instruments Inc LTPH245 Datasheet HTML 22Page - Seiko Instruments Inc LTPH245 Datasheet HTML 23Page - Seiko Instruments Inc LTPH245 Datasheet HTML 24Page - Seiko Instruments Inc LTPH245 Datasheet HTML 25Page - Seiko Instruments Inc LTPH245 Datasheet HTML 26Page - Seiko Instruments Inc LTPH245 Datasheet HTML 27Page - Seiko Instruments Inc LTPH245 Datasheet HTML 28Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 64 page
background image
3-11
(2) Acceleration Control
When driving the motor, acceleration control is needed to start paper feeding. When the motor is to be
driven at the maximum motor drive frequency that is calculated using equation (1), the motor may come
out of step under heavy load.
Drive the motor to the maximum driving speed that is calculated using equation (1), according to the
acceleration steps in Table 3-5.
The method for accelerating the motor is as follows;
1. Output start step (6580 (
µs)) for the time calculated using equation (1)
2. Output first step for the first acceleration step time
3. Output second step for the second acceleration step time
4. Output nth step for the nth step acceleration time
5. After outputting the time calculated using equation (1), the motor is driven at a constant speed.
The printer can print during acceleration.
Table 3-5 Acceleration Steps
Number of
Steps
Speed
(pps)
Step Time
(
µs)
start
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
152
246
318
379
433
493
547
597
644
687
728
768
805
840
874
907
939
970
1000
6580
6580
4066
3140
2636
2311
2028
1828
1675
1553
1456
1374
1302
1242
1191
1144
1103
1065
1031
1000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com