Electronic Components Datasheet Search
  English  ▼

X  

LTPH245 Datasheet(PDF) 53 Page - Seiko Instruments Inc

Part # LTPH245
Description  LINE THERMAL PRINTER MECHANISM TECHNICAL REFERENCE
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

LTPH245 Datasheet(HTML) 53 Page - Seiko Instruments Inc

Back Button LTPH245 Datasheet HTML 49Page - Seiko Instruments Inc LTPH245 Datasheet HTML 50Page - Seiko Instruments Inc LTPH245 Datasheet HTML 51Page - Seiko Instruments Inc LTPH245 Datasheet HTML 52Page - Seiko Instruments Inc LTPH245 Datasheet HTML 53Page - Seiko Instruments Inc LTPH245 Datasheet HTML 54Page - Seiko Instruments Inc LTPH245 Datasheet HTML 55Page - Seiko Instruments Inc LTPH245 Datasheet HTML 56Page - Seiko Instruments Inc LTPH245 Datasheet HTML 57Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 64 page
background image
6-2
6.1.2
Mounting Platen Block
Secure the platen block in the 2 locations shown below (a,b). Holes A and B are used for positioning the
printer main body.
See "CHAPTER 7 APPEARANCE AND DIMENSIONS" for locations and dimensions.
Figure 6-2 How to Secure the Platen Block
Recommended Screws
The recommended mounting screws are as follows:
Screw
: M2.0 cross-recessed pan head machine screw
The nominal size of the screw should be the wall thickness of the outer case plus 2 mm. To secure the
platen block to the wall of a thickness of 2 mm, screws of the nominal size of 4 mm should be used.
Platen Block
Screw (2 pieces)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com