Electronic Components Datasheet Search
  English  ▼

X  

LTPH245 Datasheet(PDF) 56 Page - Seiko Instruments Inc

Part # LTPH245
Description  LINE THERMAL PRINTER MECHANISM TECHNICAL REFERENCE
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

LTPH245 Datasheet(HTML) 56 Page - Seiko Instruments Inc

Back Button LTPH245 Datasheet HTML 52Page - Seiko Instruments Inc LTPH245 Datasheet HTML 53Page - Seiko Instruments Inc LTPH245 Datasheet HTML 54Page - Seiko Instruments Inc LTPH245 Datasheet HTML 55Page - Seiko Instruments Inc LTPH245 Datasheet HTML 56Page - Seiko Instruments Inc LTPH245 Datasheet HTML 57Page - Seiko Instruments Inc LTPH245 Datasheet HTML 58Page - Seiko Instruments Inc LTPH245 Datasheet HTML 59Page - Seiko Instruments Inc LTPH245 Datasheet HTML 60Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 64 page
background image
6-5
6.5
POSITIONING THE PAPER CUTTER
Design the position of the paper cutter so that the paper cutter is within the recommended range as
shown below.
If the distance between the edge of the paper cutter and position reference hole A of the printer is less
than 6.9 mm, the paper cutter may interfere with the platen block when it is opened or closed.
If the distance between them is more than 7.5 mm, the paper is not pressed against the cutter edge and
it is difficult to cut. Therefore, position the paper cutter so the distance between the edge of the paper
cutter and the position reference hole A of the printer is from 6.9 to 7.5 mm.
Figure 6-4 shows the recommended position
Figure 6-4 Paper Cutter Mounting Position
Use a cutter with a sharp edge so that paper can be cut easily without excessive force.
Figure 6-5 shows the shape of the blade of the paper cutter that should be used.
Figure 6-5 The Blade of the Paper Cutter
In the left cutter of Figure 6-5, the cut paper may be caught by the blade of the cutter and rolled inside.
Therefore, use a cutter with the shape of a blade that will not catch the cut paper as in Figure 6-5 to the
right.
A
Recommended range of the edge
position of the paper cutter
The Blade of the Cutter
The Blade of the Cutter
No Good
Good



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com