Electronic Components Datasheet Search
  English  ▼

X  

BLT71 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BLT71
Description  UHF power transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLT71 Datasheet(HTML) 4 Page - NXP Semiconductors

  BLT71 Datasheet HTML 1Page - NXP Semiconductors BLT71 Datasheet HTML 2Page - NXP Semiconductors BLT71 Datasheet HTML 3Page - NXP Semiconductors BLT71 Datasheet HTML 4Page - NXP Semiconductors BLT71 Datasheet HTML 5Page - NXP Semiconductors BLT71 Datasheet HTML 6Page - NXP Semiconductors BLT71 Datasheet HTML 7Page - NXP Semiconductors BLT71 Datasheet HTML 8Page - NXP Semiconductors BLT71 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
1997 Oct 14
4
Philips Semiconductors
Product specification
UHF power transistor
BLT71/8
APPLICATION INFORMATION
RF performance at Ts ≤ 60 °C in a common emitter test circuit.
Ruggedness in class-AB operation
The BLT71/8 is capable of withstanding a load mismatch corresponding to VSWR = 6 : 1 through all phases under the
following conditions: f = 900 MHz; VCE = 6.5 V; ICQ = 3 mA; PL = 1.2 W; Ts =60 °C.
MODE OF OPERATION
f
(MHz)
VCE
(V)
ICQ
(mA)
PL
(W)
Gp
(dB)
ηC
(%)
CW, class-AB
900
4.8
3
1.2
≥11
≥55
typ. 13
typ. 63
Fig.4
Power gain and collector efficiency as
functions of load power; typical values.
VCE = 4.8 V; ICQ = 3 mA; f = 900 MHz.
handbook, halfpage
0
0.4
2.0
16
12
4
0
8
MGD191
0.8
1.2
1.6
Gp
(dB)
Gp
80
ηC
(%)
60
20
0
40
PL (W)
ηC
Fig.5
Load power as a function of input power;
typical values.
VCE = 4.8 V; ICQ = 3 mA; f = 900 MHz.
handbook, halfpage
0
50
100
200
2.0
PL
(W)
0
1.6
MGD192
150
PIN (mW)
1.2
0.8
0.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com