Electronic Components Datasheet Search
  English  ▼

X  

BLT71 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BLT71
Description  UHF power transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLT71 Datasheet(HTML) 3 Page - NXP Semiconductors

  BLT71 Datasheet HTML 1Page - NXP Semiconductors BLT71 Datasheet HTML 2Page - NXP Semiconductors BLT71 Datasheet HTML 3Page - NXP Semiconductors BLT71 Datasheet HTML 4Page - NXP Semiconductors BLT71 Datasheet HTML 5Page - NXP Semiconductors BLT71 Datasheet HTML 6Page - NXP Semiconductors BLT71 Datasheet HTML 7Page - NXP Semiconductors BLT71 Datasheet HTML 8Page - NXP Semiconductors BLT71 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
1997 Oct 14
3
Philips Semiconductors
Product specification
UHF power transistor
BLT71/8
THERMAL CHARACTERISTICS
Note
1. Ts is the temperature at the soldering point of the collector pin.
CHARACTERISTICS
Tj =25 °C unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MAX.
UNIT
Rth j-s
thermal resistance from junction to
soldering point
Pdis = 2.9 W; Ts =60 °C; note 1
40
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
V(BR)CBO
collector-base breakdown voltage
open emitter; IC = 0.5 mA
16
−
V
V(BR)CEO
collector-emitter breakdown voltage
open base; IC =10mA
8
−
V
V(BR)EBO
emitter-base breakdown voltage
open collector; IE = 0.1 mA
2.5
−
V
ICES
collector leakage current
VCE =8V; VBE =0
−
0.1
mA
hFE
DC current gain
VCE =5V; IC = 100 mA
25
−
Cc
collector capacitance
VCB = 4.8 V; IE =ie = 0; f = 1 MHz
−
7pF
Cre
feedback capacitance
VCE = 4.8 V; IC = 0; f = 1 MHz
−
5pF
Fig.2
DC SOAR.
Ts = 115 °C.
handbook, halfpage
1
10−1
MBK263
10−1
110
IC
(A)
VCE (V)
102
(1)
Fig.3
DC current gain as a function of collector
current; typical values.
VCE = 4.8 V.
Measured under pulse conditions: tp ≤ 300 µs; δ≤ 0.001.
handbook, halfpage
0
100
50
150
0
200
400
600
800
hFE
IC (mA)
MLD131



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com