Electronic Components Datasheet Search
  English  ▼

X  

BLT71 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # BLT71
Description  UHF power transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLT71 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button BLT71 Datasheet HTML 3Page - NXP Semiconductors BLT71 Datasheet HTML 4Page - NXP Semiconductors BLT71 Datasheet HTML 5Page - NXP Semiconductors BLT71 Datasheet HTML 6Page - NXP Semiconductors BLT71 Datasheet HTML 7Page - NXP Semiconductors BLT71 Datasheet HTML 8Page - NXP Semiconductors BLT71 Datasheet HTML 9Page - NXP Semiconductors BLT71 Datasheet HTML 10Page - NXP Semiconductors BLT71 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
1997 Oct 14
7
Philips Semiconductors
Product specification
UHF power transistor
BLT71/8
List of components (see Figs 6 and 7).
Notes
1. American Technical Ceramics type 100A or capacitor of same quality.
2. Tekelec Giga-trim, type 37271.
3. The striplines are on a double copper-clad printed-circuit board, with DUROID dielectric (
ε
r = 2.2);
thickness 0.79 mm, thickness of the copper sheet 2 x 35
µm.
COMPONENT
DESCRIPTION
VALUE
DIMENSIONS
CATALOGUE
NO.
C1, C12,
C13, C15
multilayer ceramic chip capacitor; note 1
120 pF
C2, C4, C8,
C10
Giga-Trim capacitor; note 2
0.6 to 4.5 pF
C3
multilayer ceramic chip capacitor; note 1
4.7 pF
C5
multilayer ceramic chip capacitor; note 1
5.6 pF
C6
multilayer ceramic chip capacitor; note 1
3.9 pF
C7
multilayer ceramic chip capacitor; note 1
6.8 pF
C9
multilayer ceramic chip capacitor; note 1
7.5 pF
C11
multilayer ceramic chip capacitor; note 1
5.1 pF
C14, C16
multilayer ceramic chip capacitor; note 1
10 nF
L1, L10
stripline; note 3
50
Ω
10 x 2.4 mm
L2
stripline; note 3
50
Ω
2 x 2.4 mm
L3
stripline; note 3
50
Ω
30.4 x 2.4 mm
L4
stripline; note 3
50
Ω
17.4 x 2.4 mm
L5
stripline; note 3
50
Ω
6.8 x 2.4 mm
L6
stripline; note 3
50
Ω
8 x 2.4 mm
L7
stripline; note 3
50
Ω
19 x 2.4 mm
L8
stripline; note 3
50
Ω
28 x 2.4 mm
L9
stripline; note 3
50
Ω
1.6 x 2.4 mm
L11
10 turns 1 mm enamelled copper wire
140 nH
int. dia.=4mm;
lead 1 = 2.5 mm;
lead2=11mm
L12
2 turns 1 mm enamelled copper wire
60 nH
int. dia.=2mm;
leads=2x7.5 mm
L13, L14
4S2 wideband RF choke
4330 030 36301
R1
metal film resistor
1.4 k
Ω; 0.6 W
2322 156 11402
R2, R3, R4
metal film resistor
10
Ω; 0.6 W
2322 156 11009
TR1
device under test
BLT71/8
TR2
NPN transistor
BD139
9330 912 20112



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com