Electronic Components Datasheet Search
  English  ▼

X  

BLT71 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BLT71
Description  UHF power transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLT71 Datasheet(HTML) 2 Page - NXP Semiconductors

  BLT71 Datasheet HTML 1Page - NXP Semiconductors BLT71 Datasheet HTML 2Page - NXP Semiconductors BLT71 Datasheet HTML 3Page - NXP Semiconductors BLT71 Datasheet HTML 4Page - NXP Semiconductors BLT71 Datasheet HTML 5Page - NXP Semiconductors BLT71 Datasheet HTML 6Page - NXP Semiconductors BLT71 Datasheet HTML 7Page - NXP Semiconductors BLT71 Datasheet HTML 8Page - NXP Semiconductors BLT71 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
1997 Oct 14
2
Philips Semiconductors
Product specification
UHF power transistor
BLT71/8
FEATURES
• High efficiency
• Very high gain
• Internal pre-matched input
• Low supply voltage.
APPLICATIONS
• Hand-held radio equipment in common emitter class-AB
operation for the 900 MHz communication band.
DESCRIPTION
NPN silicon planar epitaxial power transistor encapsulated
in a SOT96-1 (SO8) plastic SMD package.
PINNING - SOT96-1
PIN
SYMBOL
DESCRIPTION
1, 8
b
base
2, 4, 5, 7
e
emitter
3, 6
c
collector
Fig.1 Simplified outline.
handbook, halfpage
4
5
1
8
Top view
MBK187
QUICK REFERENCE DATA
RF performance at Ts ≤ 60 °C in a common emitter test circuit.
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
Note
1. Ts is the temperature at the soldering point of the collector pin.
MODE OF OPERATION
f
(MHz)
VCE
(V)
PL
(W)
Gp
(dB)
ηC
(%)
CW, class-AB
900
4.8
1.2
≥11
≥55
typ. 13
typ. 63
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
−
16
V
VCEO
collector-emitter voltage
open base
−
8V
VEBO
emitter-base voltage
open collector
−
2.5
V
IC
collector current (DC)
−
500
mA
Ptot
total power dissipation
Ts =60 °C; VCE ≤ 6.5 V; note 1
−
2.9
W
Tstg
storage temperature
−65
+150
°C
Tj
operating junction temperature
−
175
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com