Electronic Components Datasheet Search
  English  ▼

X  

BLT71 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BLT71
Description  UHF power transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLT71 Datasheet(HTML) 5 Page - NXP Semiconductors

  BLT71 Datasheet HTML 1Page - NXP Semiconductors BLT71 Datasheet HTML 2Page - NXP Semiconductors BLT71 Datasheet HTML 3Page - NXP Semiconductors BLT71 Datasheet HTML 4Page - NXP Semiconductors BLT71 Datasheet HTML 5Page - NXP Semiconductors BLT71 Datasheet HTML 6Page - NXP Semiconductors BLT71 Datasheet HTML 7Page - NXP Semiconductors BLT71 Datasheet HTML 8Page - NXP Semiconductors BLT71 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
1997 Oct 14
5
Philips Semiconductors
Product specification
UHF power transistor
BLT71/8
Fig.6 Class-AB test circuit at f = 900 MHz.
handbook, full pagewidth
MBK267
L1
C1
L2
L3
C3
C2
C5
C4
50
Ω
input
L10
C12
50
Ω
output
L4
L5
L6
L7
TR1
D.U.T.
BLT71/8
L8
C9
C8
L9
C11
C10
C13
L11
C6
C14
L13
R3
TR2
R2
R1
Vbias = 24 V
L12
C15
C7
C16
L14
R4
VC = 4.8 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com