Electronic Components Datasheet Search
  English  ▼

X  

MAX1167BEEE Datasheet(PDF) 16 Page - Maxim Integrated Products

Part # MAX1167BEEE
Description  Multichannel, 16-Bit, 200ksps Analog-to-Digital Converters
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1167BEEE Datasheet(HTML) 16 Page - Maxim Integrated Products

Back Button MAX1167BEEE Datasheet HTML 12Page - Maxim Integrated Products MAX1167BEEE Datasheet HTML 13Page - Maxim Integrated Products MAX1167BEEE Datasheet HTML 14Page - Maxim Integrated Products MAX1167BEEE Datasheet HTML 15Page - Maxim Integrated Products MAX1167BEEE Datasheet HTML 16Page - Maxim Integrated Products MAX1167BEEE Datasheet HTML 17Page - Maxim Integrated Products MAX1167BEEE Datasheet HTML 18Page - Maxim Integrated Products MAX1167BEEE Datasheet HTML 19Page - Maxim Integrated Products MAX1167BEEE Datasheet HTML 20Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
Power-Down Modes
Table 5 shows the MAX1167/MAX1168 power-down
modes. Three internal reference modes and one exter-
nal reference mode are available. Select power-down
modes by writing to bits 2 and 1 in the command/con-
figuration/control register. The MAX1167/MAX1168
enter the selected power-down mode on the rising
edge of CS.
The internal reference stays on when CS is pulled high,
if bits 2 and 1 are set to zero. This mode allows for the
fastest turn-on time.
Setting bit 2 = 0 and bit 1 = 1 turns both the reference
and reference buffer off when CS is brought high. This
mode achieves the lowest supply current. The refer-
ence and buffer wake up on the falling edge of CS
when in SPI/QSPI/MICROWIRE mode and on the falling
edge of DSPR when in DSP mode. Allow 5ms for the
internal reference to rise and settle when powering up
from a complete shutdown (VREF = 0, CREF = 1µF).
The internal reference stays on and the buffer is shut off
on the rising edge of CS when bit 2 = 1 and bit 1 = 0.
The MAX1167/MAX1168 enter this mode on the rising
edge of CS. The buffer wakes up on the falling edge of
CS when in SPI/QSPI/MICROWIRE mode and on the ris-
ing edge of DSPR when in DSP mode. Allow 5ms for
VREF to settle when powering up from a complete shut-
down (VREF = 0, CREF = 1µF). VREFCAP is always equal
to +4.096V in this mode.
Set both bit 2 and bit 1 to 1 to turn off the reference and
reference buffer to allow connection of an external ref-
erence. Using an external reference requires no extra
wake-up time.
Operating Modes
External Clock 8-Bit-Wide Data-Transfer Mode
(MAX1167 and MAX1168)
Force DSPR high and DSEL low (MAX1168) for SPI/
QSPI/MICROWIRE interface mode. The falling edge of
CS wakes the analog circuitry and allows SCLK to clock
in data. Ensure the duty cycle on SCLK is between 45%
and 55% when operating at 4.8MHz (the maximum
clock frequency). For lower clock frequencies, ensure
the minimum high and low times are at least 93ns.
External-clock-mode conversions with SCLK rates less
Multichannel, 16-Bit, 200ksps Analog-to-Digital
Converters
16
______________________________________________________________________________________
CS
SCLK
DIN
DOUT
tCSW
tCSS
tCL
tDS
tDH
tDV
tCH
tDO
tTR
tCSH
tCP
• • •
• • •
• • •
• • •
Figure 8. Detailed SPI Interface Timing
COMPLETE CONVERSION SEQUENCE
CONVERSION 0
CONVERSION 1
POWERED UP
POWERED UP POWERED DOWN
DOUT
CS
Figure 9. Shutdown Sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com