Electronic Components Datasheet Search
  English  ▼

X  

MAX1167BEEE Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX1167BEEE
Description  Multichannel, 16-Bit, 200ksps Analog-to-Digital Converters
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1167BEEE Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX1167BEEE Datasheet HTML 3Page - Maxim Integrated Products MAX1167BEEE Datasheet HTML 4Page - Maxim Integrated Products MAX1167BEEE Datasheet HTML 5Page - Maxim Integrated Products MAX1167BEEE Datasheet HTML 6Page - Maxim Integrated Products MAX1167BEEE Datasheet HTML 7Page - Maxim Integrated Products MAX1167BEEE Datasheet HTML 8Page - Maxim Integrated Products MAX1167BEEE Datasheet HTML 9Page - Maxim Integrated Products MAX1167BEEE Datasheet HTML 10Page - Maxim Integrated Products MAX1167BEEE Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
Multichannel, 16-Bit, 200ksps Analog-to-Digital
Converters
_______________________________________________________________________________________
7
-1.5
-1.0
-0.5
0
0.5
1.0
1.5
0
32768
16384
49152
65536
INL vs. CODE
CODE
-1.5
-1.0
-0.5
0
0.5
1.0
1.5
0
32768
16384
49152
65536
DNL vs. CODE
CODE
-160
-120
-100
-140
-40
-60
-20
-80
0
20
060
80
20
40
100
FFT AT fAIN = 1kHz
FREQUENCY (kHz)
SINAD vs. FREQUENCY
FREQUENCY (kHz)
10
1
10
20
30
40
50
70
60
80
90
100
0
0.1
100
fSAMPLE = 200kbps
SFDR vs. FREQUENCY
FREQUENCY (kHz)
10
1
20
40
60
80
100
120
0
0.1
100
fSAMPLE = 200ksps
THD vs. FREQUENCY
FREQUENCY (kHz)
10
1
-100
-80
-60
-40
-20
0
-120
0.1
100
fSAMPLE = 200kbps
SUPPLY CURRENT vs. CONVERSION RATE
(EXTERNAL CLOCK)
CONVERSION RATE (ksps)
180
160
140
120
100
80
60
40
20
0
0.5
1.0
1.5
2.0
2.5
3.0
-0.5
0200
IAVDD, INT REF
IAVDD, EXT REF
DVDD = AVDD = +5V
DOUT = ALL ZEROS
EXTERNAL CLOCK
SPI MODE
IDVDD
ANALOG SUPPLY CURRENT
vs. ANALOG SUPPLY VOLTAGE
(INTERNAL REFERENCE)
AVDD (V)
5.15
5.05
4.95
4.85
2.75
2.80
2.85
2.90
2.95
2.70
4.75
5.25
DVDD = +5V
fS = 200ksps
TA = 0
°C
TA = -40
°C
TA = +85
°C
TA = +70
°C
TA = +25
°C
ANALOG SUPPLY CURRENT
vs. ANALOG SUPPLY VOLTAGE
(EXTERNAL REFERENCE)
AVDD (V)
5.15
5.05
4.95
4.85
1.80
1.85
1.90
1.95
2.00
1.75
4.75
5.25
TA = 0
°C
TA = -40
°C
TA = +85
°C
TA = +70
°C
TA = +25
°C
DVDD = +5V
fS = 200ksps
Typical Operating Characteristics
(AVDD = DVDD = +5V, fSCLK = 4.8MHz, CDOUT = 30pF, external VREF = +4.096V, TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com