Electronic Components Datasheet Search
  English  ▼

X  

MAX1167BEEE Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX1167BEEE
Description  Multichannel, 16-Bit, 200ksps Analog-to-Digital Converters
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1167BEEE Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX1167BEEE Datasheet HTML 1Page - Maxim Integrated Products MAX1167BEEE Datasheet HTML 2Page - Maxim Integrated Products MAX1167BEEE Datasheet HTML 3Page - Maxim Integrated Products MAX1167BEEE Datasheet HTML 4Page - Maxim Integrated Products MAX1167BEEE Datasheet HTML 5Page - Maxim Integrated Products MAX1167BEEE Datasheet HTML 6Page - Maxim Integrated Products MAX1167BEEE Datasheet HTML 7Page - Maxim Integrated Products MAX1167BEEE Datasheet HTML 8Page - Maxim Integrated Products MAX1167BEEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
Multichannel, 16-Bit, 200ksps Analog-to-Digital
Converters
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(AVDD = DVDD = +4.75V to +5.25V, fSCLK = 4.8MHz external clock (50% duty cycle), 24 clocks/conversion (200ksps), external VREF
= +4.096V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DIGITAL INPUTS (SCLK,
CS, DSEL, DSPR, DIN) (DVDD = +2.7V to +5.25V)
Input High Voltage
VIH
0.7
×
DVDD
V
Input Low Voltage
VIL
0.3
×
DVDD
V
Input Leakage Current
IIN
Digital inputs = 0 to DVDD
±0.1
±1
µA
Input Hysteresis
VHYST
0.2
V
Input Capacitance
CIN
15
pF
DIGITAL OUTPUT (DOUT, DSPX,
EOC) (DVDD = +2.7V to +5.25V)
Output High Voltage
VOH
ISOURCE = 0.5mA
DVDD -
0.4
V
ISINK = 10mA, DVDD = +4.75V to +5.25V
0.8
Output Low Voltage
VOL
ISINK = 1.6mA, DVDD = +2.7V to +5.25V
0.4
V
Tri-State Output Leakage Current
IL
CS = DVDD
±0.1
±10
µA
Tri-State Output Capacitance
COUT
CS = DVDD
15
pF
POWER SUPPLIES
Analog Supply
AVDD
4.75
5.25
V
Digital Supply
DVDD
2.70
5.25
V
External reference
2.0
2.9
200ksps
Internal reference
2.9
3.8
External reference
1.0
100ksps
Internal reference
2.0
External reference
0.1
10ksps
Internal reference
1.1
External reference
0.01
Analog Supply Current (Note 8)
IAVDD
1ksps
Internal reference
1.01
mA
200ksps
0.87
1.3
100ksps
0.45
10ksps
0.045
Digital Supply Current
IDVDD
DOUT =
all zeros
1ksps
0.005
mA
Internal reference and
reference buffer on
between conversions
1.01
Power-Down Supply Current
IAVDD +
IDVDD
CS = DVDD,
SCLK = 0,
DIN = 0,
DSPR = DVDD
Internal reference on,
reference buffer off
between conversions
0.43
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com