Electronic Components Datasheet Search
  English  ▼

X  

MAX1167BEEE Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX1167BEEE
Description  Multichannel, 16-Bit, 200ksps Analog-to-Digital Converters
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1167BEEE Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX1167BEEE Datasheet HTML 1Page - Maxim Integrated Products MAX1167BEEE Datasheet HTML 2Page - Maxim Integrated Products MAX1167BEEE Datasheet HTML 3Page - Maxim Integrated Products MAX1167BEEE Datasheet HTML 4Page - Maxim Integrated Products MAX1167BEEE Datasheet HTML 5Page - Maxim Integrated Products MAX1167BEEE Datasheet HTML 6Page - Maxim Integrated Products MAX1167BEEE Datasheet HTML 7Page - Maxim Integrated Products MAX1167BEEE Datasheet HTML 8Page - Maxim Integrated Products MAX1167BEEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
Multichannel, 16-Bit, 200ksps Analog-to-Digital
Converters
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(AVDD = DVDD = +4.75V to +5.25V, fSCLK = 4.8MHz external clock (50% duty cycle), 24 clocks/conversion (200ksps), external VREF
= +4.096V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
CONVERSION RATE
Internal clock, no data transfer,
single conversion (Note 5)
5.52
7.07
Conversion Time
tCONV
External clock
3.75
µs
Acquisition Time
tACQ
(Note 6)
729
ns
External clock, data transfer and conversion
0.1
4.8
Serial Clock Frequency
fSCLK
External clock, data transfer only
9
MHz
Internal Clock Frequency
fINTCLK
Internal clock
3.2
4.0
MHz
Aperture Delay
tAD
15
ns
Aperture Jitter
tAJ
<50
ps
8-bit-wide data-transfer mode
4.17
200.00
16-bit-wide data-transfer mode
3.125
150.00
Internal clock, single conversion, 8-bit-wide
data-transfer mode
89
Internal clock, single conversion, 16-bit-
wide data-transfer mode
68
Internal clock, scan mode, 8-bit-wide data-
transfer mode (four conversions)
103
Sample Rate (Note 7)
fS
External clock, scan mode, 16-bit-wide
data-transfer mode (four conversions)
82
ksps
Duty Cycle
45
55
%
ANALOG INPUT (AIN_)
Input Range
VAIN_0
VREF
V
Input Capacitance
CAIN_45
pF
EXTERNAL REFERENCE
Input Voltage Range
VREF
3.8
AVDD
V
VAIN_ = 0
110
SCLK idle
0.1
Input Current
IREF
CS = DVDD, SCLK idle
0.1
µA
INTERNAL REFERENCE
Reference Voltage
VREFIN
4.056
4.096
4.136
V
Reference Short-Circuit Current
IREFSC
13
mA
Reference Temperature
Coefficient
±25
ppm/°C
Reference Wake-Up Time
tRWAKE
VREF = 0
5
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com