Electronic Components Datasheet Search
  English  ▼

X  

LM4930 Datasheet(PDF) 30 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4930
Description  Audio Subsystem with Stereo Headphone & Mono Speaker Amplifiers
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4930 Datasheet(HTML) 30 Page - National Semiconductor (TI)

Back Button LM4930 Datasheet HTML 25Page - National Semiconductor (TI) LM4930 Datasheet HTML 26Page - National Semiconductor (TI) LM4930 Datasheet HTML 27Page - National Semiconductor (TI) LM4930 Datasheet HTML 28Page - National Semiconductor (TI) LM4930 Datasheet HTML 29Page - National Semiconductor (TI) LM4930 Datasheet HTML 30Page - National Semiconductor (TI) LM4930 Datasheet HTML 31Page - National Semiconductor (TI) LM4930 Datasheet HTML 32Page - National Semiconductor (TI) LM4930 Datasheet HTML 33Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 30 / 33 page
background image
Application Information (Continued)
HP Sense Out (J6)
Pin
Function
1
AGND
2
HPSense_Out
IRQ (J4)
Pin
Function
1
DGND
2
IRQ
Onboard MCLK Select (S2)
Jumper IN = Onboard MCLK
Jumper OUT = External MCLK
LM4930ITL DEMO BOARD OPERATION
The LM4930ITL demo board is a complete evaluation plat-
form, designed to give easy access to the control pins of the
part and comprise all the necessary external passive com-
ponents. Besides the separate analog (J9) and digital (J10)
supply connectors, the board features seven other major
input and control blocks: a two wire interface bus (J1) for the
control lines, a PCM interface bus (P1-P4) for voiceband
digital audio, an I2S interface bus (J2) for full-range digital
audio, an analog mic jack input (J3) for connection to an
external microphone, a BTL mono output (J7) for connection
to an external speaker, a stereo headphone output (J8), and
an external MCLK input (P5) for use in place of the crystal on
the demoboard.
Two-wire Interface Bus (J1)
This is the main control bus for the LM4930. It is a two-wire
interface with an SDA line (data) and SCL line (clock). Each
transmission from the baseband controller to the LM4930 is
given MSB first and must follow the timing intervals given in
the Electrical Characteristics section of the datasheet to
create the start and stop conditions for a proper transmis-
sion. The start condition is detected if SCL is high on the
falling edge of SDA. The stop condition is detected if SCL is
high on the rising edge of SDA. Repeated start signals are
handled correctly. Data is then transmitted as shown in
Figure 2. After the start condition has been achieved the chip
address is sent, followed by a set write bit, wait for ack (SDA
will be pulled low by LM4930), data bits 15-8, wait for ACK
(SDA will be pulled low by LM4930), data bits 7-0, wait for
ACK (SDA will be pulled low by LM4930)and finally the stop
condition is given.
This same sequence follows for any control bus transmis-
sion to the LM4930. The chip address is hardwire selected
by the ADR Select pin which may be jumpered high or low
with its application at S1 on the demo board. The chip
address is then given as a combination of the identifying bits
for the LM4930 plus the 2-bit address of the desired control
register (00b = BasicConfig, 01b = VoicetestConfig, 10b =
GainConfig). Acceptable addresses are shown here in Table
1.
Table 1. LM4930 Control Bus Addresses
Address Bits
Register
Address
ADR=0
6
543210
0
010000
0
010001
0
010010
ADR=1
1
110000
1
110001
1
110010
Data is sampled only if the address is in range and the R/W
bit is clear. Data for each register is given in the System
Control Registers section of the datasheet. National Semi-
conductor also features a special control board for quick
evaluation of the LM4930 demo board with your PC. This is
a serial control interface board, complete with header com-
patible with the interface header (J1) on the LM4930 board.
This also features demonstration software to allow for com-
plete control and evaluation of the various modes and func-
tions of the LM4930 through the bus.
Pullup resistors are required to achieve reliable operation.
750
Ω pullup resistors on the SDA and SCL lines achieves
best results when used with National’s parallel-to-serial in-
terface board. Lower value pullup resistors will decrease the
rise and fall times on the bus which will in turn decrease
susceptibility to bus noise that may cause a false trigger. The
cost comes at extra current use. Control bus reliability will
thus depend largely on bus noise and may vary from design
to design. Low noise is critical for reliable operation.
PCM Bus Interface (P1, P2, P3, P4)
PCM_SDO (P4), PCM_SYNC (P3), PCM_SDI (P1), and
PCM_CLK (P2) form the PCM interface bus for simple com-
munication with most baseband ICs with voiceband commu-
nications and follow the PCM-1900 communications stan-
dard. The PCM interface features frame lengths of 16, 32, or
64 bits, A-law and u-law companding, linear mode, short or
long frame sync, an energy-saving power down mode, and
master only operation.
The PCM bus does not support a slave mode. It operates as
a master only. Thus PCM_SYNC and PCM_CLK are solely
generated by the LM4930. PCM_SYNC is the word sync line
www.national.com
30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com