Electronic Components Datasheet Search
  English  ▼

X  

LM4930 Datasheet(PDF) 31 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4930
Description  Audio Subsystem with Stereo Headphone & Mono Speaker Amplifiers
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4930 Datasheet(HTML) 31 Page - National Semiconductor (TI)

Back Button LM4930 Datasheet HTML 25Page - National Semiconductor (TI) LM4930 Datasheet HTML 26Page - National Semiconductor (TI) LM4930 Datasheet HTML 27Page - National Semiconductor (TI) LM4930 Datasheet HTML 28Page - National Semiconductor (TI) LM4930 Datasheet HTML 29Page - National Semiconductor (TI) LM4930 Datasheet HTML 30Page - National Semiconductor (TI) LM4930 Datasheet HTML 31Page - National Semiconductor (TI) LM4930 Datasheet HTML 32Page - National Semiconductor (TI) LM4930 Datasheet HTML 33Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 31 / 33 page
background image
Application Information (Continued)
for the bus. It operates at a fixed frequency of 8kHz and may
be set in the BASICCONFIG register (bit 5 PCM_LONG) for
short or long frame sync. A short frame sync is 1 PCM_CLK
cycle (PCM_LONG=0), a long frame sync is 2 PCM_CLK
cycles long (PCM_LONG=1). A long sync pulse is also de-
layed one clock cycle relative to a short sync pulse. This is
illustrated in Figure 3. PCM_CLK is the bit clock for the bus.
It’s frequency depends on the number of 16-bit frames per
sync pulse and can be 128kHz, 256kHz, 512kHz.
The other two lines, PCM_SDO and PCM_SDI, are for serial
data out and serial data in, respectively. The type of data
may also be set in the BASICCONFIG register by bits 6 and
7. Bit 6 controls whether the data is linear or companded. If
set to 1, the 8 MSBs are presumed to be companded data
and the 8 LSBs are ignored. If cleared to 0, the data is
treated as 2’s complement PCM data. Bit 7 controls which
PCM law is used if Bit 6 is set for companded (G711) data. If
set to 1, the companded data is assumed to be A-law. If
cleared to 0, the companded data is treated as µ-law.
Bits 8:9 of the BASICCONFIG register set the PCM_SYNC-
_MODE settings. This controls the number of 16 bit frames
per sync pulse. The feature allows the LM4930 to function
harmoniously with other devices or channels on the PCM
bus by adjusting the number of 16 bit frames per sync pulse
to 1 (00b), 2 (01b), or 4 (10b). The LM4930 will transmit PCM
data in the first frame and then tri-state the PCM_SDO pin on
later frames.
In addition, the LM4930 provides control to allow the PCM-
_CLK and PCM_SYNC clocks to continue functioning even
when the LM4930 is in Standby mode. By setting bit 10 of
the BASICCONFIG register to 1 PCM_ALWAYS_ON is en-
abled and the LM4930 will continue to drive the PCM clock
and sync lines when in Standby mode. This bit should be set
if another codec is using the PCM bus. Powerdown mode
will disable these outputs.
I2S Interface Bus (J2)
The I2S standard provides a uni-directional serial interface
designed specifically for digital audio. For the LM4930, the
interface provides access to a 48kHz, 16 bit full-range stereo
audio DAC. This interface uses a three port system of clock
(I2S_CLK), data (I2S_DATA), and word (I2S_WS). The clock
and word lines can be either master or slave as set by bit 11
in the BASICCONFIG register.
A bit clock (I2S_CLK) at 32 or 64 times the sample frequency
is established by the I2S system master and a word select
(I2S_WS) line is driven at a frequency equal to the sampling
rate of the audio data, in this case 48kHz. The word line is
registered to change on the negative edge of the bit clock.
The serial data (I2S_DATA) is sent MSB first, again regis-
tered on the negative edge of the bit clock, delayed by 1 bit
clock cycle relative to the changing of the word line (typical
I2S format - see Figure 4).
The resolution of the I2S interface may be set by modifying
the I2S_RES bit (bit 12) in the BASICCONFIG register. If set
to 1, the LM4930 operates at 32 bits per frame (3.072MHz).
If cleared to 0, then 16 bits per frame is selected
(1.536MHz). This has a corresponding effect on the bit clock.
The I2S Interface Bus also provides for an additional MCLK
connection to an external device from the LM4930 demo
board. This may be used in conjunction with National Semi-
conductors SPDIF->I2S Conversion Board for quick evalu-
ation. This board features a connection header that inter-
faces with pins 1-5 of the I2S Interface Bus. Pins 6-10 are
provided as digital ground references for the case of discrete
connections.
MCLK/XTAL_IN (P5)
This is the input for an external Master Clock. The jumper at
S2 must be removed (disconnecting the onboard crystal
from the circuit) when using an external Master Clock.
BTL Mono Out (J7)
This is the mono speaker output, designed for use with an 8
ohm speaker. The outputs are driven in bridge-tied-load
(BTL) mode, so both sides have signal. Outputs are normally
biased at one half AVDD when the LM4930 is in active mode.
Additionally, if the CLASS bit is set to 1 in the VOICETEST-
CONFIG register (bit 0) the BTL mono output is internally
configured as a buffer amplifier designed for use with an
external class D amp.
Stereo Headphone Out (J8)
This is the stereo headphone output. Each channel is single-
ended, with 220uF DC blocking capacitors mounted on the
demo board. The jack features a typical stereo headphone
pinout.
A headphone sense pin is provided at J6. This pin provides
a clean logic high or low output to indicate the presence of
headphones in the headphone jack. A common application
circuit for this is given in the Reference Board Schematic
shown in Figure 5. In this application HPSENSE_IN is pulled
low by the 1k ohm resistor when no headphone is present.
This gives a corresponding logic low output on the
HPSENSE_OUT pin. When a headphone is placed in the
jack the 1k ohm pull-down is disconnected and a 100k ohm
pull-up resistor creates a high voltage condition on
HPSENSE_IN. This in turn creates a logic high on
HPSENSE_OUT. This output may be used to reliably drive
an external microcontroller with headphone status.
MIC Jack (J3)
This jack is for connection to an external microphone like the
kind typically found in mobile phones. Pin 1 is GND, pin 2 is
the negative input pin, and pin 3 is the positive pin, with
phantom voltage supplied by MIC_BIAS on the LM4930.
IRQ (J4)
This pin provides simple status updates from the LM4930 to
an external microcontroller if desired. IRQ is logic high when
the LM4930 is in a stable state and changes to low when
changing modes. This can also be useful for simple
software/driver development to monitor mode changes, or as
a simple debugging tool.
BASIC OPERATION
The LM4930 is a highly integrated audio subsystem with
many different operating modes available. These modes
may be controlled in the BASICCONFIG register in bits 3:0.
These mode settings are shown in the BASICCONFIG reg-
ister table and are described here below:
Powerdown Mode (0000b)
Part is powered down, analog outputs are not biased. This is
a minimum current mode. All part features are shut down.
www.national.com
31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com