Electronic Components Datasheet Search
  English  ▼

X  

PC-414SET Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # PC-414SET
Description  Last Time Buy Notice - Board Products
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PC-414SET Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  PC-414SET Datasheet HTML 1Page - List of Unclassifed Manufacturers PC-414SET Datasheet HTML 2Page - List of Unclassifed Manufacturers PC-414SET Datasheet HTML 3Page - List of Unclassifed Manufacturers PC-414SET Datasheet HTML 4Page - List of Unclassifed Manufacturers PC-414SET Datasheet HTML 5Page - List of Unclassifed Manufacturers PC-414SET Datasheet HTML 6Page - List of Unclassifed Manufacturers PC-414SET Datasheet HTML 7Page - List of Unclassifed Manufacturers PC-414SET Datasheet HTML 8Page - List of Unclassifed Manufacturers PC-414SET Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
PC-414
®®
DATEL, Inc., Mansfield, MA 02048 (USA)
• Tel: (508)339-3000, (800)233-2765 Fax: (508)339-6356 • Email: sales@datel.com • Internet: www.datel.com
FUNCTIONAL SPECIFICATIONS
(Typical at +25 °C, dynamic conditions, gain = 1, unless noted)
PC-414F
2 Simultaneous
(two A/D’s)
Single Ended
0 to +10 V
±5 V
±15 V
2 µs
—
1 k
Ω
165 ns
20 ns
±40 ps
12 bits
400 ns
±1
±1
±0.1
±0.1
2 MHz
2 MHz/chan.
(2 chans.)
–70 dB
PC-414E
16SE/8D [Note 8]
(single A/D)
SE or Diff.
0 to +10 V
±10 V
±5 V
±15 V
2 µs
±10 V
100 M
Ω
750 ns
20 ns
±40 ps
12 bits
500 ns
±1
±0.75
±0.1
±0.1
2 MHz
500 kHz
[Note 4]
–72 dB
PC-414B
4
(single A/D)
Single Ended
0 to +10 V
±10 V
±5 V
±15 V
2 µs
—
10 M
Ω
750 ns
20 ns
±100 ps
14 bits
1.6 µs
±1.5
±1
±0.3
±0.3
500 kHz
330 kHz
–75 dB
ANALOG INPUTS
Number of Channels
Input Configuration
(non-isolated) [Note 19]
Full Scale Input Ranges
(user-selectable) (gain = 1)
[Notes 1 & 16]
Input Overvoltage
(no damage, power on)
Overvoltage Recovery
Time, maximum
Common Mode Voltage
Range, maximum
Input Impedance [Notes 6 &10]
Acquisition Time
(FSR step to 0.01% of FSR, max.)
Aperture Delay
Aperture Delay Uncertainty
Resolution
Conversion Period
Integral Non-linearity
(LSB of FSR)
Differential Non-linearity
(LSB of FSR)
Full Scale Temperature
Coefficient (LSB per °C)
Zero or Offset
Temperature Coefficient
(LSB per °C)
Throughput to FIFO
(single channel, gain = 1)
Throughput to FIFO
(sequential channels,
gain = 1)
Total Harmonic Distortion
[Note 3]
PC-414D
1
(single A/D)
Differential
±5 V
±15 V
2 µs
±1 V
2 k
Ω
50 ns
10 ns
±7 ps
12 bits
200 ns
±2
±1
±0.1
±0.3
5 MHz [Note 9]
—
–68 dB
SAMPLE/HOLD
A/D CONVERTER
SYSTEM DC CHARACTERISTICS [Note 7]
SYSTEM DYNAMIC PERFORMANCE [Note 2]
ANALOG INPUTS
Programmable Gains
See Note 1
Common Mode Rejection
(DC - 60 Hz)
-80 dB (g = 100) (414E)
Addressing Modes
1. Single channel
2. Simultaneous sampling
3. Sequential with
autosequenced addressing
4. Random addressing by host
software
A/D CONVERTER
Output Coding
Positive-true, right justified,
straight bin. (unipolar) or right-
justified 2’s complement
(bipolar) with sign extension
thru bit 15
Trigger Sources
1. Local Pacer frame clock
(Software selectable)
2. External TTL frame clock
3. Analog threshold comp.
A/D Sample Clock
1. Internal programmable
(software selectable)
82C54 timer
2. Ext. TTL input, active low
Please read all notes carefully.
The PC-414J in short-cycled addressing is recommended in place of the PC-414A. Model PC-414E can substitute for the PC-414C.
81



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com