Electronic Components Datasheet Search
  English  ▼

X  

PC-414SET Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # PC-414SET
Description  Last Time Buy Notice - Board Products
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PC-414SET Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button PC-414SET Datasheet HTML 5Page - List of Unclassifed Manufacturers PC-414SET Datasheet HTML 6Page - List of Unclassifed Manufacturers PC-414SET Datasheet HTML 7Page - List of Unclassifed Manufacturers PC-414SET Datasheet HTML 8Page - List of Unclassifed Manufacturers PC-414SET Datasheet HTML 9Page - List of Unclassifed Manufacturers PC-414SET Datasheet HTML 10Page - List of Unclassifed Manufacturers PC-414SET Datasheet HTML 11Page - List of Unclassifed Manufacturers PC-414SET Datasheet HTML 12Page - List of Unclassifed Manufacturers PC-414SET Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
PC-414
®®
DATEL, Inc., Mansfield, MA 02048 (USA)
• Tel: (508)339-3000, (800)233-2765 Fax: (508)339-6356 • Email: sales@datel.com • Internet: www.datel.com
9.
5 MHz sampling on PC-414D requires an external clock.
Maximum on-board sampling is 4 MHz.
10. Input impedance is shown with power on. Impedance
with power off is 1.5 k
Ω or less.
11. PC-414G acquisition time is 350 ns to ±0.01% of FSR.
12. All channels in simultaneous sampling.
13. PC-414J and L bipolar input is user-selectable ±5 V or
±10 V per channel (default). Total full scale error over
temperature range is ±4 LSB maximum. Total zero/offset
error over temperature range is ±2 LSB maximum.
Monotonicity: no missing codes over temperature range.
14. Avoid mixing external triggers which are a close submultiple
of the internal A/D start clock to prevent lost samples.
15. Models PC-414D, H, K, and M use a single channel
12-bit A/D converter with ±5 V inputs. An external A/D
clock is required above 4 MHz and the 82C54 timer must
be bypassed. 10 MHz sampling may continue until the
FIFO memory is full.
16. Input polarity. Some models are fixed as bipolar only
whereas others are user-selectable unipolar or bipolar.
Still others require separate model numbers.
17. Models F, G, J, K, L, M, N, and P use one A/D converter
per channel.
18. The customer must use shielded cables to insure EMC
compliance.
19. A/D-per-channel boards (models F, G, J, K, L, M, N, P)
may be operated in “software differential” mode. Two
A/D’s are applied to the high and low legs of a single
differential input channel. The two data values are then
algebraically subtracted, either on the fly in real time or
after all samples have been stored. Channel capacity in
“software differential” is one-half the number of single-
ended channels.
This technique offers excellent bandwidth, high common
mode rejection and optional mix of single-ended and
differential channels.
NOTES
1.
Resistor-programmed gain from x1 to x100 is available
on PC-414E with increased settling delay at higher gain.
2.
Total throughput includes MUX settling time after
changing the channel address, S/H acquisition time to
rated specifications, A/D conversion, and FIFO transfer.
Total throughput is not delayed by host software
whenever the FIFO is not full.
3.
THD test conditions are:
A. Input freq.
500 kHz (414F)
200 kHz (414B,E,G)
50 kHz (414J,L,M) 1 MHz (414D,K,N,P)
2 MHz (414H)
B. Generator/filter THD is -90 dB minimum.
C. THD computed by FFT to 5th harmonic.
( V22 + V32 + V42 + V52 )0.5
Vin
D. Inputs are half full scale less 0.5 dB. No channel
advance.
E. A/D sample rate = 500 kHz (414B,E,G), 4 MHz (414D,K),
2 MHz (414F), 10 MHz (414H), 250 kHz (414J),
190 kHz (414L,M), 2.5 MHz (414P)
4.
The rates shown for sequential sampling are the
maximum A/D converter start rates and include MUX
sequencing and settling. For example, if four channels
of the PCI-414E were scanned, the maximum sample
rate on any one channel would be 2 µs x 4 channels =
8 µs (125 kHz per channel).
5.
For fastest response on the analog comparator trigger,
keep the reference voltage near the trip input voltage. To
avoid overload recovery delays, do not let the trip input
(or any other analog input) exceed ±10V.
6.
The input impedance of 10 M
Ω minimum avoids attenuation
errors from external input source resistance. For many
applications, an in-line coaxial 50
Ω shunt, inserted
adjacent to the front connectors, is recommended to
reduce reflections and standing wave errors.
7.
Allow 20 minutes warmup time to rated specifications for
models PC-414B,G,M,N.
8.
A 25-pin DB-25S connector is used for the PC-414E, J,
and L.
log10
(
)
THD = 20
Multipurpose Connector
5th SMA user-selectable for:
[Note 8]
1. Pacer trigger input
2. Analog threshold
comparator input
Operating Temp. Range
0 to +60°C, forced cooling
recommended.
Storage Temp. Range
-25 to +85°C
Humidity
10% to 90%,
non-condensing.
Altitude
0 to 10,000 feet.
Power Required
+5V @ 3.5A max. from
ISA bus
Outline Dimensions
4.5 x 10.5 x 0.625 inches,
compatible to PC/ISA bus
85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com