Electronic Components Datasheet Search
  English  ▼

X  

PC-414SET Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # PC-414SET
Description  Last Time Buy Notice - Board Products
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PC-414SET Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button PC-414SET Datasheet HTML 3Page - List of Unclassifed Manufacturers PC-414SET Datasheet HTML 4Page - List of Unclassifed Manufacturers PC-414SET Datasheet HTML 5Page - List of Unclassifed Manufacturers PC-414SET Datasheet HTML 6Page - List of Unclassifed Manufacturers PC-414SET Datasheet HTML 7Page - List of Unclassifed Manufacturers PC-414SET Datasheet HTML 8Page - List of Unclassifed Manufacturers PC-414SET Datasheet HTML 9Page - List of Unclassifed Manufacturers PC-414SET Datasheet HTML 10Page - List of Unclassifed Manufacturers PC-414SET Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
PC-414
®®
DATEL, Inc., Mansfield, MA 02048 (USA)
• Tel: (508)339-3000, (800)233-2765 Fax: (508)339-6356 • Email: sales@datel.com • Internet: www.datel.com
FUNCTIONAL SPECIFICATIONS
(Typical at +25°C, dynamic conditions, gain = 1, unless noted)
ANALOG INPUTS
Number of Channels
Input Configuration
(non-isolated) [Note 19]
Full Scale Input Ranges
(user-selectable) (gain = 1)
[Notes 1 & 16]
Input Overvoltage
(no damage, power on)
Overvoltage Recovery
Time, maximum
Common Mode Voltage
Range, maximum
Input Impedance [Notes 6 &10]
Acquisition Time
(FSR step to 0.01% of FSR, max.)
Aperture Delay
Aperture Delay Uncertainty
Resolution
Conversion Period
Integral Non-linearity
(LSB of FSR)
Differential Non-linearity
(LSB of FSR)
Full Scale Temperature
Coefficient (LSB per °C)
Zero or Offset
Temperature Coefficient
(LSB per °C)
Throughput to FIFO
(single channel, gain = 1)
Throughput to FIFO
(sequential channels,
gain = 1)
Total Harmonic Distortion
[Note 3]
PC-414L
16 Simultaneous
A/D’s
Single Ended
±5 V, ±10 V,
(user selectable)
[Note 13]
±15 V
—
—
8 k
Ω
400 ns
—
—
12 bits
2 µs [Note 12]
±2
±1
[Note 10]
[Note 10]
400 kHz
190 kHz/chan.
-75 dB
PC-414M
4 Simultaneous
A/D’s
Single Ended
±10 V
±12 V
—
—
10 M
Ω
—
—
—
16 bits
5 µs [Note 12]
±4
±3
±1
±1
200 kHz
200 kHz/chan.
-83 dB
PC-414P
4 Simultaneous
A/D’s
Single Ended
±2.5 V or
0 to +5 V
(user selectable)
±7 V
—
—
1000
Ω
—
—
—
14 bits
400 ns [Note 12]
±3
±1.5
±0.5
±0.5
3 MHz* min.
2.5 MHz/chan.
-75 dB
PC-414N
2 Simultaneous
A/D’s
Single Ended
±2.5 V
±15V
—
—
10 M
Ω or 50 Ω
35 ns
±10 ns
5 ps
14 bits
200 ns [Note 12]
±1
±1
±0.5
±0.5
5 MHz
5 MHz/chan.
-75 dB
SAMPLE/HOLD
A/D CONVERTER
SYSTEM DYNAMIC PERFORMANCE [Note 2]
SYSTEM DC CHARACTERISTICS [Note 7]
* The sample rate to published specifications is 3 MHz. The A/D is functional to 5 MHz. Valid data output per channel is delayed
by 4 samples after the start of the sample clock. Please make note of this for products such as the PC-414P, PC-430P, and
DVME-614P which use non-continuous A/D sampling. Data output is pipelined meaning that the first four samples per channel
should be discarded. For all 4 channels, discard 16 samples. The design is intended for semi-continuous sampling of wideband
signals and is less suitable for low speed data acquisition. Approximately 5 dB SFDR improvement can be achieved by directly
connecting an external A/D sample clock. Contact DATEL for details.
83



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com