Electronic Components Datasheet Search
  English  ▼

X  

PC-414SET Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # PC-414SET
Description  Last Time Buy Notice - Board Products
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PC-414SET Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button PC-414SET Datasheet HTML 4Page - List of Unclassifed Manufacturers PC-414SET Datasheet HTML 5Page - List of Unclassifed Manufacturers PC-414SET Datasheet HTML 6Page - List of Unclassifed Manufacturers PC-414SET Datasheet HTML 7Page - List of Unclassifed Manufacturers PC-414SET Datasheet HTML 8Page - List of Unclassifed Manufacturers PC-414SET Datasheet HTML 9Page - List of Unclassifed Manufacturers PC-414SET Datasheet HTML 10Page - List of Unclassifed Manufacturers PC-414SET Datasheet HTML 11Page - List of Unclassifed Manufacturers PC-414SET Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
PC-414
®®
DATEL, Inc., Mansfield, MA 02048 (USA)
• Tel: (508)339-3000, (800)233-2765 Fax: (508)339-6356 • Email: sales@datel.com • Internet: www.datel.com
SPECIFICATIONS, CONTINUED
(Typical @ +25°C, dynamic conditions, unless noted)
A/D MEMORY
Architecture
First-In, First-Out (FIFO)
Memory Capacity
1024, 4096, or 16,384 A/D
samples. 64 K on request.
Programmable Interval
Timer Type
82C54
Functions
1. A/D sample count reached
2. A/D start rate (16 bit divisor)
3. SSH sample counter (414A)
Pacer Sample Counter
3 to 65,536 samples. Drives
the Acquire flag/interrupt
gate for A/D start pulses.
82C54 Clock Source
Internal 8 MHz crystal clock
Scan Trigger Clock
125, 250, or 500 KHz
Analog Trigger Input Range
[Note 5]
±10 V (not avail. 414D)
Analog Trigger Response
2 µs to set status flag
Analog Trigger Hysteresis
40 mV
Number of Channels
One
Function
1. General purpose analog
(user-selectable)
output
[Note 5]
2. Threshold comparator for
A/D trigger
Resolution
12 bits
Output Voltage Range
0 to +10 V, ±5 V and ±10 V
(user-selectable)
at 5 mA max.
Linearity
±0.05% of FSR
Settling Time
(10 V step)
5 microseconds to 0.05%
Input Coding
(user-selectable)
Same as A/D section
Architecture
I/O mapped, pluggable to
IBM-PC/AT, and compatibles.
Decodes eight 16-bit I/O
registers.
I/O Mapping
Decodes I/O address lines
A9 - A0
Data Transfer
I/O transfer or host DMA,
software selectable
Data Bus
16 bits
Direct Memory Access
1 channel, selectable on
channels 5, 6, or 7, set by
software
DMA Request Conditions
FIFO full, half full, not empty,
(software selectable)
scan acquire flag (sample
count reached)
Control/Status Functions
Board reset, FIFO flags,
interrupt select and status,
DMA select and status, trigger
source, timer control and
period, sample count load,
parallel outport enable, A/D
enable, MUX auto-sequence
Number of Interrupts
1 interrupt, software
(software selectable)
selectable on level 7, 9 thru
11, or 15.
Bus Interrupt Sources
Scan acquire flag (sample
count), FIFO full or half full,
DMA terminal count from bus.
Outport Type
16 data output lines, TTL
levels from A/D FIFO.
Includes handshake signals
and FIFO flags. The outport
does not provide addressing.
Operating Modes
Asynchoronous master to
external slave receiver. 4
modes are included, offering
internal/external clocking (to
10 MHz), synchronous/
asynchronous handshaking.
Sequencing is compatible
with DT Connect®.
Parallel Port Loading
24 mA out, 1.6 mA in. The
data outputs may be tri-stated
for shared bus connection.
Parallel Port Connector
2-row 26-pin header type
mounted on board interior.
0.100” pin spacing suitable
for flat cable. Pinout is
compatible with DT Connect®
and existing 414 format.
Port Data Rate
4 MHz max. Data may be
transferred up to 10 MHz
with external clocking.
Connector
Dual row, 26-pin header
mounted on board interior.
Uses 0.100” pin spacing
suitable for flat cable.
Includes +5 Vdc and digital
ground connections.
Configuration
8 digital outputs, 8 digital
inputs (unlatched)
Levels
Buffered, TTL levels.
10 output loads.
Outport Settling Time
50 ns max. after write operation
Analog Section Modularity
The MUX-S/H-A/D module is
socketed for function
interchange.
Analog Section Adjustments
Offset and gain per channel
for SSH on PC-414F, G, H,
K, M, N, and P. A single
offset and gain pot is
provided on PC-414B, D,
and E. Recommended
recalibration interval is 90
days in stable conditions.
Analog Input Connectors
Four SMA miniature coaxial,
mounted on rear slot. [Note 8]
TRIGGER CONTROL
PARALLEL DATA PORT
DIGITAL I/O PORT
MISCELLANEOUS
ANALOG OUTPUT
ISA BUS INTERFACE
84



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com