Electronic Components Datasheet Search
  English  ▼

X  

PC-414SET Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # PC-414SET
Description  Last Time Buy Notice - Board Products
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PC-414SET Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button PC-414SET Datasheet HTML 2Page - List of Unclassifed Manufacturers PC-414SET Datasheet HTML 3Page - List of Unclassifed Manufacturers PC-414SET Datasheet HTML 4Page - List of Unclassifed Manufacturers PC-414SET Datasheet HTML 5Page - List of Unclassifed Manufacturers PC-414SET Datasheet HTML 6Page - List of Unclassifed Manufacturers PC-414SET Datasheet HTML 7Page - List of Unclassifed Manufacturers PC-414SET Datasheet HTML 8Page - List of Unclassifed Manufacturers PC-414SET Datasheet HTML 9Page - List of Unclassifed Manufacturers PC-414SET Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
PC-414
®®
DATEL, Inc., Mansfield, MA 02048 (USA)
• Tel: (508)339-3000, (800)233-2765 Fax: (508)339-6356 • Email: sales@datel.com • Internet: www.datel.com
ANALOG INPUTS
Number of Channels
Input Configuration
(non-isolated) [Note 19]
Full Scale Input Ranges
(user-selectable) (gain = 1)
[Notes 1 & 16]
Input Overvoltage
(no damage, power on)
Overvoltage Recovery
Time, maximum
Common Mode Voltage
Range, maximum
Input Impedance [Notes 6 &10]
Acquisition Time
(FSR step to 0.01% of FSR, max.)
Aperture Delay
Aperture Delay Uncertainty
Resolution
Conversion Period
Integral Non-linearity
(LSB of FSR)
Differential Non-linearity
(LSB of FSR)
Full Scale Temperature
Coefficient (LSB per °C)
Zero or Offset
Temperature Coefficient
(LSB per °C)
Throughput to FIFO
(single channel, gain = 1)
Throughput to FIFO
(sequential channels,
gain = 1)
Total Harmonic Distortion
[Note 3]
FUNCTIONAL SPECIFICATIONS
(Typical at +25°C, dynamic conditions, gain = 1, unless noted)
PC-414K
2 Simultaneous
(two A/D’s)
Limited Differential
0 to +10 V, ±5 V
(separate models)
±15 V
—
±1 V
1 k
Ω
50 ns
10 ns
±7 ps
12 bits
200 ns
±2
±1
±0.1
±0.3
5 MHz
5 MHz/ch.
–68 dB
PC-414G
2 Simultaneous
(two A/D’s)
Single Ended
±5 V or
0 to +10 V
(separate models)
±15 V
2 µs
—
1 M
Ω
350 ns [Note 11]
20 ns
±70 ps
14 bits
500 ns
±1.5
±1
±0.3
±0.3
1 MHz
1 MHz/chan.
(2 chans.)
–80 dB
PC-414H
1
(single A/D)
Differential
±5 V
(other ranges
special order)
±15 V
1 µs
±1 V
2 k
Ω
35 ns
±10 ns
3 ps rms
12 bits
100 ns
±1.5
±1
±1
±1
10 MHz
—
–65 dB
PC-414J
8 Simultaneous A/D’s
[Note 8]
Single Ended
±5 V, ±10 V
[Note 13]
±15 V
3 µs
—
8 k
Ω (bipolar)
400 ns
—
—
12 bits
2 µs [Note 12]
±1
±1
[Footnote 10]
[Footnote 10]
400 kHz
250kHz/chan.**
–75 dB
SAMPLE/HOLD
A/D CONVERTER
SYSTEM DC CHARACTERISTICS [Note 7]
SYSTEM DYNAMIC PERFORMANCE [Note 2]
**A 380 KHz per channel option is available on special order.
82



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com