Electronic Components Datasheet Search
  English  ▼

X  

ADNS-5712 Datasheet(PDF) 6 Page - Pixart Imaging Inc.

Part # ADNS-5712
Description  USB1.1 FULL SPEED SOC MOUSE SENSOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

ADNS-5712 Datasheet(HTML) 6 Page - Pixart Imaging Inc.

Back Button ADNS-5712 Datasheet HTML 2Page - Pixart Imaging Inc. ADNS-5712 Datasheet HTML 3Page - Pixart Imaging Inc. ADNS-5712 Datasheet HTML 4Page - Pixart Imaging Inc. ADNS-5712 Datasheet HTML 5Page - Pixart Imaging Inc. ADNS-5712 Datasheet HTML 6Page - Pixart Imaging Inc. ADNS-5712 Datasheet HTML 7Page - Pixart Imaging Inc. ADNS-5712 Datasheet HTML 8Page - Pixart Imaging Inc. ADNS-5712 Datasheet HTML 9Page - Pixart Imaging Inc. ADNS-5712 Datasheet HTML 10Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
ADNS-5712
_____________________________________________________________________________________________________________________________
All rights strictly reserved, any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
E-mail: fae_service@pixart.com
ADNS-5712-GDS-R1.2 20160902
6
Z and 2D/3D Assembly
Unit: mm
SURFACE IS 0 REF.
BASE PLATE ALIGNMENT POST
SENSOR
PCB
PLASTIC SPRING
BASE PLATE
LED
CLIP
Figure 5. 2D Assembly
Lens
Package Lid
OBJECT SURFACE
Figure 4. Distance from Lens Reference Plane to Surface
Z
Mouse base plate
Tracking surface
2.4mm +/- 0.1mm
Lens reference plane
Figure 6. Distance from Lens Reference Plane to Tracking Surface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com