Electronic Components Datasheet Search
  English  ▼

X  

ADNS-5712 Datasheet(PDF) 4 Page - Pixart Imaging Inc.

Part # ADNS-5712
Description  USB1.1 FULL SPEED SOC MOUSE SENSOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

ADNS-5712 Datasheet(HTML) 4 Page - Pixart Imaging Inc.

  ADNS-5712 Datasheet HTML 1Page - Pixart Imaging Inc. ADNS-5712 Datasheet HTML 2Page - Pixart Imaging Inc. ADNS-5712 Datasheet HTML 3Page - Pixart Imaging Inc. ADNS-5712 Datasheet HTML 4Page - Pixart Imaging Inc. ADNS-5712 Datasheet HTML 5Page - Pixart Imaging Inc. ADNS-5712 Datasheet HTML 6Page - Pixart Imaging Inc. ADNS-5712 Datasheet HTML 7Page - Pixart Imaging Inc. ADNS-5712 Datasheet HTML 8Page - Pixart Imaging Inc. ADNS-5712 Datasheet HTML 9Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
ADNS-5712
_____________________________________________________________________________________________________________________________
All rights strictly reserved, any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
E-mail: fae_service@pixart.com
ADNS-5712-GDS-R1.2 20160902
4
2.
Package Information
Package Outline Drawing
9
10
11
2
3
4
5
6
13.208
0.520
0.457
0.018
1.778
0.070
5.334
0.210
0.40
0.01575
5.6
0.220
5.080
0.200
6.604
0.260
1
2
3
4
5
6
9
10
11
12
1
4.55
0.179
7.874
0.310
1.42
0.056
10.16
0.400
5.08(Ref.)
0.200
1.02
0.040
0.254
0.010
3.20
0.126
NOTES:
1. All dimensions in MM/INCH.
2. All dimensions tolerance: +/- 0.10mm
3. Maxmumflash: +0.2mm
4.064
0.160
12
8
13
14
7
7
8
13
14
Max. 12
14.22 +/- 0.5
0.560 +/-0.0197
Figure 3. Package Outline Drawing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com