Electronic Components Datasheet Search
  English  ▼

X  

ADNS-5712 Datasheet(PDF) 10 Page - Pixart Imaging Inc.

Part # ADNS-5712
Description  USB1.1 FULL SPEED SOC MOUSE SENSOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

ADNS-5712 Datasheet(HTML) 10 Page - Pixart Imaging Inc.

Back Button ADNS-5712 Datasheet HTML 6Page - Pixart Imaging Inc. ADNS-5712 Datasheet HTML 7Page - Pixart Imaging Inc. ADNS-5712 Datasheet HTML 8Page - Pixart Imaging Inc. ADNS-5712 Datasheet HTML 9Page - Pixart Imaging Inc. ADNS-5712 Datasheet HTML 10Page - Pixart Imaging Inc. ADNS-5712 Datasheet HTML 11Page - Pixart Imaging Inc. ADNS-5712 Datasheet HTML 12Page - Pixart Imaging Inc. ADNS-5712 Datasheet HTML 13Page - Pixart Imaging Inc. ADNS-5712 Datasheet HTML 14Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
ADNS-5712
_____________________________________________________________________________________________________________________________
All rights strictly reserved, any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
E-mail: fae_service@pixart.com
ADNS-5712-GDS-R1.2 20160902
10
5. USB Interface
USB Descriptor
The USB host controller detects the USB mouse device plug-in and assigns a new unique address to USB mouse device, then
asks USB mouse device for information about the device description, configuration description, and assigning a configuration
value for USB mouse device during enumeration period. After enumeration, the USB mouse device is able to transfer motion and
button value to the USB host controller.
Descriptor Type
Byte
Byte
Byte
Byte
Byte
Byte
Byte
Byte
Device Descriptor (18 bytes)
12
01
00
02
00
00
00
08
3A
09
32
25
00
01
01
02
00
01
Configuration Descriptor (9 bytes)
09
02
3B
00
02
01
00
A0
32
Interface 0 Descriptor (9 bytes)
09
04
00
00
01
03
01
02
00
HID 0 Descriptor (9 bytes)
09
21
11
01
00
01
22
4F
00
Endpoint 0 Descriptor (7 bytes)
07
05
81
03
08
00
01
Interface 1 Descriptor (9 bytes)
09
04
01
00
01
03
00
01
00
HID 1 Descriptor (9 bytes)
09
21
11
01
00
01
22
71
00
Endpoint 1 Descriptor (7 bytes)
07
05
82
03
08
00
01
Language String Descriptor (4 bytes)
04
03
09
04
String Descriptor (26 bytes)
Gaming Mouse
HID 0 Report Descriptor (79 bytes)
05
01
09
02
A1
01
09
01
A1
00
05
09
19
01
29
05
15
00
25
01
75
01
95
05
81
02
75
03
95
01
81
03
06
00
FF
09
40
95
02
75
08
15
81
25
7F
81
02
05
01
09
38
15
81
25
7F
75
08
95
01
81
06
09
30
09
31
16
01
80
26
FF
7F
75
10
95
02
81
06
C0
C0
HID 1 Report Descriptor (113 bytes)
06
00
FF
09
01
A1
01
15
00
26
FF
00
75
08
09
02
95
02
85
01
81
02
09
01
95
01
85
10
B1
02
09
01
96
44
01
85
11
B1
02
09
01
95
02
85
12
B1
02
C0
05
01
09
06
A1
01
85
03
05
07
19
E0
29
E7
15
00
25
01
75
01
95
08
81
02
19
00
29
FF
15
00
26
FF
00
75
08
95
01
81
00
C0
05
0C
09
01
A1
01
85
02
19
00
2A
9C
02
15
00
26
9C
02
75
10
95
01
81
00
C0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com