Electronic Components Datasheet Search
  English  ▼

X  

ADNS-5712 Datasheet(PDF) 9 Page - Pixart Imaging Inc.

Part # ADNS-5712
Description  USB1.1 FULL SPEED SOC MOUSE SENSOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

ADNS-5712 Datasheet(HTML) 9 Page - Pixart Imaging Inc.

Back Button ADNS-5712 Datasheet HTML 5Page - Pixart Imaging Inc. ADNS-5712 Datasheet HTML 6Page - Pixart Imaging Inc. ADNS-5712 Datasheet HTML 7Page - Pixart Imaging Inc. ADNS-5712 Datasheet HTML 8Page - Pixart Imaging Inc. ADNS-5712 Datasheet HTML 9Page - Pixart Imaging Inc. ADNS-5712 Datasheet HTML 10Page - Pixart Imaging Inc. ADNS-5712 Datasheet HTML 11Page - Pixart Imaging Inc. ADNS-5712 Datasheet HTML 12Page - Pixart Imaging Inc. ADNS-5712 Datasheet HTML 13Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
ADNS-5712
_____________________________________________________________________________________________________________________________
All rights strictly reserved, any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
E-mail: fae_service@pixart.com
ADNS-5712-GDS-R1.2 20160902
9
4. Specifications
Absolute Maximum Ratings
Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are the stress
ratings only and functional operation of the device at these or any other condition beyond those indicated for extended period of time may
affect device reliability.
Symbol
Parameter
Min
Max
Unit Notes
TSTG
Storage Temperature
-40
85
°C
TA
Operating Temperature
-15
55
°C
VDC
DC Supply Voltage
-0.5
5.5
V
VIN
DC Input Voltage
-0.5
5.5
V
All I/O pin
Lead Solder Temp
-
260
°C
For 10 seconds, 1.6mm below seating plane.
ESD
-
2.0
kV
All pins, human body model MIL 883 Method 3015
Recommended Operating Conditions
Symbol
Parameter
Min
Typ
Max
Unit
Notes
TA
Operating Temperature
0
-
40
°C
VDD
Power Supply Voltage
4.25
5.0
5.5
V
VNPP
Supply Noise
-
-
150
mV
Peak to peak voltage within 10kHz - 80 MHz
FR
Frame Rate
-
4000
-
frames/s @ Run mode, +/- 5% tolerance
SP
Tracking speed
0
-
48
inches/s
AC
Tracking acceleration
0
-
10
g



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com