Electronic Components Datasheet Search
  English  ▼

X  

ADNS-5712 Datasheet(PDF) 8 Page - Pixart Imaging Inc.

Part # ADNS-5712
Description  USB1.1 FULL SPEED SOC MOUSE SENSOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

ADNS-5712 Datasheet(HTML) 8 Page - Pixart Imaging Inc.

Back Button ADNS-5712 Datasheet HTML 4Page - Pixart Imaging Inc. ADNS-5712 Datasheet HTML 5Page - Pixart Imaging Inc. ADNS-5712 Datasheet HTML 6Page - Pixart Imaging Inc. ADNS-5712 Datasheet HTML 7Page - Pixart Imaging Inc. ADNS-5712 Datasheet HTML 8Page - Pixart Imaging Inc. ADNS-5712 Datasheet HTML 9Page - Pixart Imaging Inc. ADNS-5712 Datasheet HTML 10Page - Pixart Imaging Inc. ADNS-5712 Datasheet HTML 11Page - Pixart Imaging Inc. ADNS-5712 Datasheet HTML 12Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
ADNS-5712
_____________________________________________________________________________________________________________________________
All rights strictly reserved, any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
E-mail: fae_service@pixart.com
ADNS-5712-GDS-R1.2 20160902
8
3. Reference Circuit Schematics
The reference circuit below is an example for a red LED based mouse application with 12 buttons, one Logo LED, one set of basic RGB
LED and 3 sets of additional RGB LED.
U1
D-
3
LED
7
VDD5V
4
S0
8
Z1
9
D+
2
VSS
5
VDD33Q
6
P0
10
P1
11
P2
12
Z2
13
P3
14
S1
1
R7
100
Logo breathing light
R6
33
Additional RGB LED indicator
(Red)
(Green)
(Blue)
Sensor - ADNS-5712
Indicator
ENSW1
Z1
Z2
COM
Z2
R13 2k
Z1
BL
Button and Wheel
BR
BM
B4
B5
CPI
C12
10uF
C10
22uF
U2
ACE1117-33XM+
B7
C11
1uF
C13
1uF
ADNS-5712
B8
B9
B10
B11
B12
C7
0.1uF
+
C8
22uF
Q1
3906
1
S0
Z1
VDD5V
VDD33
S1
R9 2k
Q2
3906
1
R5
33
R10 2k
R11 2k
R12 2k
Q3
3906
1
JP1
USB CABLE
VBUS
1
D-
2
D+
3
GND
4
Shield
5
P0
Suitable for common
anode RGB LED
P1
R1 0
D3 Red LED
R2 0
P2
R8 33
VDD5V
P3
C2
NA
C1
NA
D+
Net_P0
Net_P1
D+N
D-
R3 0
P1
C6
NA/0.1uF
P2
+
C4
10uF
LTST-G683GEBW
Blue
Green
G
R
B
D4
SMD RGB LED
RG1
75
RR1
220
RB1
75
RG2
75
+
C5
NA/10uF
LTST-008RGB-SN
D5
SIDE SMD RGB LED
RB2
75
RR2
220
RG3
75
LTST-008RGB-SN
D6
SIDE SMD RGB LED
RB3
75
RR3
220
Red
P0
VDD33
+
C9
10uF
Net_P2
VDD5V
Net_P3
R4
220
D-N
C3
0.1uF
VDD33Q
D2
RGB LED
VDD33Q
(Blue)
(Green)
(Red)
P3
S0
P0
P1
S1
P2
Z1
D1
LED
Z2
Figure 8. Application Circuit
Cautions of the circuit adjustment of the EMI test
Please observe the following rules to make sure pass the USB IF test.
Part
Typ
Max
Unit
Part
Typ
Max
Unit
R1
0
51
ohm
R3
0
1
ohm
R2
0
51
ohm
C4
10
22
uF
C1
NA
47
pF
C8
22
22
uF
C2
NA
47
pF
C5
NA
NA
uF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com