Electronic Components Datasheet Search
  English  ▼

X  

PS2861 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # PS2861
Description  PS2861
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PS2861 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  PS2861 Datasheet HTML 1Page - List of Unclassifed Manufacturers PS2861 Datasheet HTML 2Page - List of Unclassifed Manufacturers PS2861 Datasheet HTML 3Page - List of Unclassifed Manufacturers PS2861 Datasheet HTML 4Page - List of Unclassifed Manufacturers PS2861 Datasheet HTML 5Page - List of Unclassifed Manufacturers PS2861 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TYPICAL PERFORMANCE CURVES (TA = 25°C)
COLLECTOR TO EMITTER DARK
CURRENT vs. AMBIENT TEMPERATURE
Ambient Temperature, TA (°C)
COLLECTOR CURRENT vs.
COLLECTOR SATURATION VOLTAGE
Collector Saturation Voltage, VCE(sat) (V)
NORMALIZED CURRENT TRANSFER
RATIO vs. AMBIENT TEMPERATURE
Ambient Temperature, TA (°C)
Forward Current , IF (mA)
SWITCHING TIME vs.
LOAD RESISTANCE
Load Resistance, RL (Ω)
CURRENT TRANSFER RATIO
vs. FORWARD CURRENT
PS2861-1
SWITCHING TIME vs.
LOAD RESISTANCE
Load Resistance, RL (Ω)
-25
1
10
100
1000
10000
025
50
75
100
VCE = 20 V
40 V
10 mA
5 mA
2 mA
IF = 1 mA
100
10
1
0.1
0.0
0.2
0.4
0.6
0.8
1.0
Normalized to 1.0
at TA = 25°C,
IF = 5 mA, VCE = 5 V
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0.0
-50
-25
0
25
50
75
100
50
200
300
400
0
0.1
1
1.0
100
VCE = 5 V,
n = 3
100
150
250
350
IC = 2 mA
VCC = 5 V
CTR = 200%
100
tf
tr
td
ts
10
1
10
100
1k
10k
ts
tf
tr
td
1000
100
10
1
10
100
1 k
10 k
100 k
IF = 1 mA
VCC = 5 V
CTR = 200 %



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com