Electronic Components Datasheet Search
  English  ▼

X  

PS2861 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PS2861
Description  PS2861
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PS2861 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PS2861 Datasheet HTML 1Page - List of Unclassifed Manufacturers PS2861 Datasheet HTML 2Page - List of Unclassifed Manufacturers PS2861 Datasheet HTML 3Page - List of Unclassifed Manufacturers PS2861 Datasheet HTML 4Page - List of Unclassifed Manufacturers PS2861 Datasheet HTML 5Page - List of Unclassifed Manufacturers PS2861 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
FEATURES
•
ISOLATION DISTANCE:
0.4 mm MIN.
•
HIGH ISOLATION VOLTAGE:
BV = 2500 Vr.m.s.
•
SOP (SMALL OUT-LINE PACKAGE)
•
HIGH SPEED SWITCHING:
tr = 4 µs TYP, tf = 5 µs TYP
•
AVAILABLE ON TAPE AND REEL
DESCRIPTION
NEC's PS2861-1 is an optically coupled isolator containing a
GaAs light emitting diode and an NPN silicon phototransistor.
This device's insulation thickness of 0.4 mm meets BSI's
supplementary insulation requirements. This package is
mounted in a plastic SOP (Small Out-line Package) for high
density applications and has a shield effect to cut off ambient
light.
PS2861-1
NEC's HIGH ISOLATION VOLTAGE
4-PIN SOP OPTOCOUPLER
APPLICATIONS
•
MODEM
•
PROGRAMMABLE LOGIC CONTROLLERS
•
POWER SUPPLY
California Eastern Laboratories
PART NUMBER
PS2861-1
SYMBOLS
PARAMETERS
UNITS
MIN
TYP
MAX
VF
Forward Voltage, IF = 5 mA
V
1.1
1.4
IR
Reverse Current, VR = 5 V
µA5
Ct
Terminal Capacitance, V = 0, f = 1 MHz
pF
15
ICEO
Collector to Emitter Dark Current, VCE = 40 V, IF = 0 mA
nA
100
CTR
Current Transfer Ratio (IC/IF)1, IF = 5 mA, VCE = 5 V
%
50
200
400
VCE (sat)
Collector Saturation Voltage, IF = 10 mA, IC = 2 mA
V
0.3
RI-O
Isolation Resistance, VI-O = 1 kVDC
Ω
1011
CI-O
Isolation Capacitance, V = 0, f = 1 MHZ
pF
0.4
tr
Rise Time2, VCC = 5 V, IC = 2 mA, RL = 100 Ω
µs4
tf
Fall Time2, VCC = 5 V, IC = 2 mA, RL = 100 Ω
µs5
ELECTRICAL CHARACTERISTICS (TA = 25°C)
Notes:
1. CTR Rank
2. Test Circuit for Switching Time
K: 200 to 400%
M: 50 to 150%
L: 100 to 300%
N: 50 to 400%
VCC
VOUT
In Monitor
RL = 100 Ω
50 Ω
PULSE INPUT
IF
PW = 100 µs
Duty Cycle = 1/10
(
)


Similar Part No. - PS2861

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS2861-1 CEL-PS2861-1 Datasheet
352Kb / 9P
HIGH ISOLATION VOLTAGE 4-PIN SOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS2861-1 RENESAS-PS2861-1 Datasheet
239Kb / 12P
HIGH ISOLATION VOLTAGE 4-PIN SOP PHOTOCOUPLER
April 1st, 2010
logo
California Eastern Labs
PS2861-1-A CEL-PS2861-1-A Datasheet
352Kb / 9P
HIGH ISOLATION VOLTAGE 4-PIN SOP PHOTOCOUPLER
PS2861-1-F3 CEL-PS2861-1-F3 Datasheet
352Kb / 9P
HIGH ISOLATION VOLTAGE 4-PIN SOP PHOTOCOUPLER
PS2861-1-F3-A CEL-PS2861-1-F3-A Datasheet
352Kb / 9P
HIGH ISOLATION VOLTAGE 4-PIN SOP PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com