Electronic Components Datasheet Search
  English  ▼

X  

PS2861 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PS2861
Description  PS2861
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PS2861 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PS2861 Datasheet HTML 1Page - List of Unclassifed Manufacturers PS2861 Datasheet HTML 2Page - List of Unclassifed Manufacturers PS2861 Datasheet HTML 3Page - List of Unclassifed Manufacturers PS2861 Datasheet HTML 4Page - List of Unclassifed Manufacturers PS2861 Datasheet HTML 5Page - List of Unclassifed Manufacturers PS2861 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SYMBOLS
PARAMETERS
UNITS
RATINGS
Diode
IF
Forward Current (DC)
mA
50
VR
Reverse Voltage
V
6
PD
Power Dissipation
mW
60
∆PD/°C
Power Dissipation Derating
mW/°C
0.6
IF (PEAK)
Peak Forward Current2
A
0.5
Transistor
VCEO
Collector to Emitter Voltage
V
40
VECO
Emitter to Collector Voltage
V
5
IC
Collector Current
mA
40
PC
Power Dissipation
mW
120
∆PC/°C
Power Dissipation Derating
mW/°C
1.2
Coupled
BV
Isolation Voltage3
Vr.m.s.
2500
TA
Operating Ambient Temp.
°C
-55 to +100
TSTG
Storage Temperature
°C
-55 to +150
ABSOLUTE MAXIMUM RATINGS1 (TA = 25°C)
PS2861-1
TYPICAL PERFORMANCE CURVES (TA = 25°C)
DIODE POWER DISSIPATION vs.
AMBIENT TEMPERATURE
Ambient Temperature, TA (°C)
TRANSISTOR POWER DISSIPATION
vs. AMBIENT TEMPERATURE
Ambient Temperature, TA (°C)
COLLECTOR CURRENT vs.
COLLECTOR TO EMITTER VOLTAGE
Collector to Emitter Voltage, VCE (V)
FORWARD CURRENT vs.
FORWARD VOLTAGE
Forward Voltage, VF (V)
Notes:
1. Operation in excess of any one of these parameters may
result in permanent damage.
2. PW = 100 µs, duty cycle = 1%.
3. AC voltage for 1 minute at TA = 25 °C, RH = 60 % between
input and ouput.
100
80
60
40
20
025
50
75
100
TA = +100 °C
+60 °C
+25 °C
0 °C
-25 °C
-50 °C
0.0
0.1
1
10
100
0.01
0.5
1.0
1.5
2.0
210
150
90
60
025
50
75
100
180
120
30
35
30
20
15
10
5
0
04
26
8
10
25
IF = 25 mA
20 mA
15 mA
5 mA
10 mA
PART NUMBER
PACKAGE
PACKING STYLE
PS2861-1
4-pin SOP
Magazine case 100 pcs
PS2861-1-F3
Embossed Tape 3500 pcs/reel
PS2861-1-F4
ORDERING INFORMATION



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com