Electronic Components Datasheet Search
  English  ▼

X  

PS2861 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # PS2861
Description  PS2861
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PS2861 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  PS2861 Datasheet HTML 1Page - List of Unclassifed Manufacturers PS2861 Datasheet HTML 2Page - List of Unclassifed Manufacturers PS2861 Datasheet HTML 3Page - List of Unclassifed Manufacturers PS2861 Datasheet HTML 4Page - List of Unclassifed Manufacturers PS2861 Datasheet HTML 5Page - List of Unclassifed Manufacturers PS2861 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
PS2861-1
TYPICAL PERFORMANCE CURVES (TA = 25°C)
LONG TERM CTR DEGRADATION
Time, (Hr)
FREQUENCY RESPONSE
Frequency, f (kHz)
PS2861-1
OUTLINE DIMENSIONS (Units in mm)
TOP VIEW
1. Anode
2. Cathode
3. Emitter
4. Collecter
PHOTOCOUPLER CONSTRUCTION
PARAMETER
UNIT (MIN)
Air Distance
4.5 mm
Creepage Distance
4.5 mm
Isolation Distance
0.4 mm
0
-5
-10
-15
-20
-25
0.1
1
10
100
1000
RL = 1 kΩ
100 Ω
300 Ω
1.0
0.8
0.6
0.4
0.2
0
1102
103
104
105
10 6
IF = 5 mA
1.2
IF = 1 mA, TA = 25°C
IF = 20 mA, TA = 25°C
IF = 5 mA, TA = 25°C
IF = 20 mA, TA =60°C
N61
001
Last number of type No.: 61
Assembly lot
0
01
Serial Code in week
Assembly Year
2.7±0.3
43
12
1.27
0.4 ± 0.10
7.0 ± 0.3
4.4
1.3
0.5 ± 0.3
0.12 M
43
1 2
MARKING



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com