Electronic Components Datasheet Search
  English  ▼

X  

PS2861 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # PS2861
Description  PS2861
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PS2861 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  PS2861 Datasheet HTML 1Page - List of Unclassifed Manufacturers PS2861 Datasheet HTML 2Page - List of Unclassifed Manufacturers PS2861 Datasheet HTML 3Page - List of Unclassifed Manufacturers PS2861 Datasheet HTML 4Page - List of Unclassifed Manufacturers PS2861 Datasheet HTML 5Page - List of Unclassifed Manufacturers PS2861 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
PS2861-1
1. Recommended Soldering Conditions
Recommended Temperature Profile of Infrared Reflow
(1) Infrared reflow soldering
• Peak reflow temperature
235 ûC (package surface temperature)
• Time of temperature higher than 210 ûC
30 seconds or less
• Number of reflows
Three
• Flux
Rosin flux containing small amount of chlorine (The flux
with a maximum chlorine content of 0.2 Wt % is
recommended).
(2) Dip soldering
• Temperature
260 ûC or below (molten solder temperature)
• Time
10 seconds or less
• Number of times
One (allowed to be dipped in solder including plastic mold portion)
• Flux
Rosin flux containing small amount of chlorine (The flux
with a maximum chlorine content of 0.2 Wt % is recommended).
(3) Cautions
• Fluxes
Avoid removing the residual flux with freon-based and chlorine-based cleaning solvent.
2. Cautions regarding noise
Be aware that when voltage is applied suddenly between the photocoupler's input and output or between collector -emitters
at startup, the output side may enter the on state, even if the voltage is within the absolute maximum ratings.
Time (s)
100 to 160 ûC
60 to 120 s
(preheating)
(heating)
to 10 s
to 30 s
235 ûC (peak temperature)
210 ûC
Life Support Applications
These NEC products are not intended for use in life support devices, appliances, or systems where the malfunction of these products can reasonably
be expected to result in personal injury. The customers of CEL using or selling these products for use in such applications do so at their own risk and
agree to fully indemnify CEL for all damages resulting from such improper use or sale.
A Business Partner of NEC Compound Semiconductor Devices, Ltd.
10/14/2003



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com