Electronic Components Datasheet Search
  English  ▼

X  

SX20AC75 Datasheet(PDF) 25 Page - List of Unclassifed Manufacturers

Part # SX20AC75
Description  Configurable Communications Controllers with EE/Flash Program Memory, In-System Programming Capability and On-Chip Debug
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SX20AC75 Datasheet(HTML) 25 Page - List of Unclassifed Manufacturers

Back Button SX20AC75 Datasheet HTML 21Page - List of Unclassifed Manufacturers SX20AC75 Datasheet HTML 22Page - List of Unclassifed Manufacturers SX20AC75 Datasheet HTML 23Page - List of Unclassifed Manufacturers SX20AC75 Datasheet HTML 24Page - List of Unclassifed Manufacturers SX20AC75 Datasheet HTML 25Page - List of Unclassifed Manufacturers SX20AC75 Datasheet HTML 26Page - List of Unclassifed Manufacturers SX20AC75 Datasheet HTML 27Page - List of Unclassifed Manufacturers SX20AC75 Datasheet HTML 28Page - List of Unclassifed Manufacturers SX20AC75 Datasheet HTML 29Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 52 page
background image
© 2000 Scenix Semiconductor, Inc. All rights reserved.
- 25 -
www.scenix.com
SX18AC/SX20AC/SX28AC/SX18AC75/SX20AC75/SX28AC75
11.0
COMPARATOR
The device contains an on-chip differential comparator.
Ports RB0-RB2 support the comparator. Ports RB1 and
RB2 are the comparator negative and positive inputs,
respectively, while Port RB0 serves as the comparator
output pin. To use these pins in conjunction with the com-
parator, the user program must configure Ports RB1 and
RB2 as inputs and Port RB0 as an output. The CMP_B
register is used to enable the comparator, to read the out-
put of the comparator internally, and to enable the output
of the comparator to the comparator output pin.
The comparator enable bits are set to “1” upon reset,
thus disabling the comparator. To avoid drawing addi-
tional current during the power down mode, the compara-
tor should be disabled before entering the power down
mode. Here is an example of how to setup the compara-
tor and read the CMP_B register.
The final “mov” instruction in this example performs an
exchange of data between the working register (W) and
the CMP_B register. This exchange occurs only with Port
B accesses. Otherwise, the “mov” instruction does not
perform an exchange, but only moves data from the
source to the destination.
Figure 11-1 shows the comparator block diagram.
CMP_B - Comparator Enable/Status Register
mov
M,#$08
;set MODE register to access
;CMP_B
mov
W,#$00
;clear W
mov
!RB,W
;enable comparator and its
;output
...
;delay after enabling
;comparator for response
mov
M,#$08
;set MODE register to access
;CMP_B
mov
W,#$00
;clear W
mov
!RB,W
;enable comparator and its
;output and also read CMP_B
;(exchange W and CMB_B)
and
W,#$01
;set/clear Z bit based on
;comparator result
snb
$03.2
;test Z bit in STATUS reg
;(0 => RB2<RB1)
jmp
rb2_hi
;jump only if RB2>RB1
...
CMP_EN
CMP_OE
Reserved
CMP_RES
Bit 7
Bit 6
Bits 5–1
Bit 0
CMP_RES
Comparator result: 1 for RB2>RB1 or 0
for RB2<RB1. Comparator must be en-
abled (CMP_EN = 0) to read the result.
The result can be read whether or not the
CMP_OE bit is cleared.
CMP_OE
When cleared to 0, enables the compar-
ator output to the RB0 pin.
CMP_EN
When cleared to 0, enables the compar-
ator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com