Electronic Components Datasheet Search
  English  ▼

X  

SX20AC75 Datasheet(PDF) 43 Page - List of Unclassifed Manufacturers

Part # SX20AC75
Description  Configurable Communications Controllers with EE/Flash Program Memory, In-System Programming Capability and On-Chip Debug
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SX20AC75 Datasheet(HTML) 43 Page - List of Unclassifed Manufacturers

Back Button SX20AC75 Datasheet HTML 39Page - List of Unclassifed Manufacturers SX20AC75 Datasheet HTML 40Page - List of Unclassifed Manufacturers SX20AC75 Datasheet HTML 41Page - List of Unclassifed Manufacturers SX20AC75 Datasheet HTML 42Page - List of Unclassifed Manufacturers SX20AC75 Datasheet HTML 43Page - List of Unclassifed Manufacturers SX20AC75 Datasheet HTML 44Page - List of Unclassifed Manufacturers SX20AC75 Datasheet HTML 45Page - List of Unclassifed Manufacturers SX20AC75 Datasheet HTML 46Page - List of Unclassifed Manufacturers SX20AC75 Datasheet HTML 47Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 52 page
background image
© 2000 Scenix Semiconductor, Inc. All rights reserved.
- 43 -
www.scenix.com
SX18AC/SX20AC/SX28AC/SX18AC75/SX20AC75/SX28AC75
17.5
AC Characteristics
SX18/20/28AC75 (Temp Range: 0
°C
<= Ta <= +70°C)
Note:Data in the Typical (“TYP”) column is at 5V, 25
°C unless otherwise stated.
17.6
Comparator DC and AC Specifications
Symbol
Parameter
Min
Typ
Max
Units
Conditions
Fosc
External CLKIN Frequency
DC
75
MHz
HS1/HS2/HS3
Oscillator Frequency
DC
-
75
MHz
HS1/HS2/HS3
Tosc
External CLKIN Period
13.3
-
-
ns
HS1/HS2/HS3
Oscillator Period
13.3
-
-
ns
HS1/HS2/HS3
TosL, TosH
Clock in (OSC1) Low or High Time
8.0
-
-
ns
HS1/HS2/HS3
TosR, TosF
Clock in (OSC1) Rise or Fall Time
-
-
25
ns
HS1/HS2/HS3
Parameter
Conditions
Min
Typ
Max
Units
Input Offset Voltage
0.4V < Vin < Vdd – 1.5V
+/- 10
+/- 25
mV
Input Common Mode Voltage Range
0.4
Vcc – 1.3
V
Voltage Gain
300k
V/V
DC Supply Current (enabled)
Vdd = 5.5V
120
µA
Response Time
Voverdrive = 25mV
250
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com