Electronic Components Datasheet Search
  English  ▼

X  

SX20AC75 Datasheet(PDF) 42 Page - List of Unclassifed Manufacturers

Part # SX20AC75
Description  Configurable Communications Controllers with EE/Flash Program Memory, In-System Programming Capability and On-Chip Debug
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SX20AC75 Datasheet(HTML) 42 Page - List of Unclassifed Manufacturers

Back Button SX20AC75 Datasheet HTML 38Page - List of Unclassifed Manufacturers SX20AC75 Datasheet HTML 39Page - List of Unclassifed Manufacturers SX20AC75 Datasheet HTML 40Page - List of Unclassifed Manufacturers SX20AC75 Datasheet HTML 41Page - List of Unclassifed Manufacturers SX20AC75 Datasheet HTML 42Page - List of Unclassifed Manufacturers SX20AC75 Datasheet HTML 43Page - List of Unclassifed Manufacturers SX20AC75 Datasheet HTML 44Page - List of Unclassifed Manufacturers SX20AC75 Datasheet HTML 45Page - List of Unclassifed Manufacturers SX20AC75 Datasheet HTML 46Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 52 page
background image
© 2000 Scenix Semiconductor, Inc. All rights reserved.
- 42 -
www.scenix.com
SX18AC/SX20AC/SX28AC/SX18AC75/SX20AC75/SX28AC75
17.4
DC Characteristics
SX18/20/28AC75 (Temp Range: 0
°C
<= Ta <= +70°C)
Note:Data in the Typical (“TYP”) column is at 5V, 25
°C unless otherwise stated.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Vdd
Supply Voltage (Note 1)
Fosc= 75 MHz
4.5
-
5.5
V
SVdd
Vdd rise rate
0.05
-
-
V/ms
Idd
Supply Current, active
Vdd = 5.0V, Fosc = 75 MHz (Ext.)
-
100
105
mA
Ipd
Supply Current, power down
Vdd = 4.5V, WDT enabled
Vdd = 4.5V, WDT disabled
-
110
100
µA
µA
Vih, Vil
Input Levels
MCLR, OSC1, RTCC
Logic High
Logic Low
All Other Inputs
CMOS
Logic High
Logic Low
TTL
Logic High
Logic Low
0.8Vdd
Vss
0.7Vdd
Vss
2.0
Vss
Vdd
0.2Vdd
Vdd
0.3Vdd
Vdd
0.8
V
V
V
V
V
V
Iil
Input Leakage Current
Vin = Vdd or Vss
-1.0
+1.0
µA
Iip
Weak Pullup Current
Vdd = 5.5V, Vin = 0V
100
160
µA
Voh
Output High Voltage
OSC2, Ports B, C
Port A
Ioh = 20mA, Vdd = 4.5V
Ioh = 30mA, Vdd = 4.5
Vdd-0.7
Vdd-0.7
V
V
Vol
Output Low Voltage
All Ports, OSC2
Iol = 30mA, Vdd = 4.5V
0.6
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com