Electronic Components Datasheet Search
  English  ▼

X  

6201 Datasheet(PDF) 4 Page - Mallory performance club

Part # 6201
Description  MSD Digital 6A and 6AL Ignition Control
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

6201 Datasheet(HTML) 4 Page - Mallory performance club

  6201 Datasheet HTML 1Page - Mallory performance club 6201 Datasheet HTML 2Page - Mallory performance club 6201 Datasheet HTML 3Page - Mallory performance club 6201 Datasheet HTML 4Page - Mallory performance club 6201 Datasheet HTML 5Page - Mallory performance club 6201 Datasheet HTML 6Page - Mallory performance club 6201 Datasheet HTML 7Page - Mallory performance club 6201 Datasheet HTML 8Page - Mallory performance club 6201 Datasheet HTML 9Page - Mallory performance club Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
INSTALLATION INSTRUCTIONS
MSD • WWW .MSDPERFORMANCE.COM • (915) 857-5200 • F AX (915) 857-3344
WIRING
GENERAL WIRING INFORMATION
Wire Length: All of the wires of the MSD Ignition may be shortened as long as quality connectors
are used or soldered in place. To lengthen the wires, use one size bigger gauge wire (12 gauge for
the power leads and 16 gauge for the other wires) with the proper connections. All connections must
be soldered and sealed.
Grounds: A poor ground connection can cause many frustrating problems. When a wire is specified
to go to ground, it should be connected to the battery negative terminal, engine block or chassis.
There should always be a ground strap between the engine and the chassis. Always securely connect
the ground wire to a clean, paint free metal surface.
Ballast Resistor: If your vehicle has a ballast resistor in-line with the coil wiring, it is recommended
to bypass it.
This wire is responsible for turning the MSD On and Off. Connects
to a switched 12 volt source such as the ignition key or switch. (Max
current draw of .250 mA.)
This wire connects to the coil positive (+) terminal. This is the
ONLY
wire that makes electrical contact with the positive coil terminal.
This wire connects to the coil negative (-) terminal. This is the
ONLY
wire that makes electrical contact with the negative coil terminal.
There are two circuits that can be used to trigger the MSD Ignition; a
Points circuit (the White wire) and a Magnetic Pickup circuit (the Green
and Violet wires). Only one circuit will be used at a time.
This wire is used to connect to breaker points, electronic ignition amplifier
output or to the Yellow wire of an MSD Timing Accessory.
When this
wire is used, the Magnetic Pickup connector is not used.
These wires are routed together in one harness as the magnetic pickup
connector. The connector plugs directly into an MSD distributor or
crank trigger. It will also connect to aftermarket pickups. The Violet
wire is positive (+) and the Green wire is negative (-).
When these
wires are used, the White wire is not.
Tach output wire. Connects to the tachometer trigger wire or other
rpm activated device.
These are the cylinder-select wire loops. Cut one loop for even-fire
6-cylinders, two loops for 4-cylinders.
The Digital 6A and 6AL use a main wiring harness that connects to the ignition through a sealed
and locked connection.
Red
Orange
Black
Trigger
Wires
White
Violet
and Green
(Magnetic
Pickup
Connector)
Accessories
Gray
Red Loop
Blue Loop
These are the two heavy 12 gauge wires and are responsible for getting
direct battery voltage to the ignition. The Ignition is load protected
from reverse battery connections.
This wire connects directly to the battery positive (+) terminal or a
positive battery junction such as the starter solenoid.
Note: Do not
connect to the alternator.
This wire connects to a good ground, either at the battery negative
(-) terminal or to the engine.
Power Leads
Heavy Red
Heavy Black



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com