Electronic Components Datasheet Search
  English  ▼

X  

6201 Datasheet(PDF) 10 Page - Mallory performance club

Part # 6201
Description  MSD Digital 6A and 6AL Ignition Control
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

6201 Datasheet(HTML) 10 Page - Mallory performance club

Back Button 6201 Datasheet HTML 6Page - Mallory performance club 6201 Datasheet HTML 7Page - Mallory performance club 6201 Datasheet HTML 8Page - Mallory performance club 6201 Datasheet HTML 9Page - Mallory performance club 6201 Datasheet HTML 10Page - Mallory performance club 6201 Datasheet HTML 11Page - Mallory performance club 6201 Datasheet HTML 12Page - Mallory performance club 6201 Datasheet HTML 13Page - Mallory performance club 6201 Datasheet HTML 14Page - Mallory performance club Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
10
INSTALLATION INSTRUCTIONS
MSD • WWW .MSDPERFORMANCE.COM • (915) 857-5200 • F AX (915) 857-3344
ORANGE
BLACK
MAGNETIC PICKUP
(NOT USED)
GRAY
TACH OUTPUT
RED
WHITE
FROM POINTS OR ELECTRONIC
IGNITION AMPLIFIER
(ORIGINAL COIL
WIRE)
FROM IGNITION KEY
(ORIGINAL COIL
WIRE)
GREEN (-)
VIOLET (+)
DIGITAL 6AL
REV
LIMITER
MSD SYSTEMS Installing to Points/Amplifier Style Ignition.
NOTE: On dual point setups, it is recommended
to remove the trailing set of points.
MSD SYSTEMS Installing to an MSD Distributor/Crank Trigger.
NOTE: Ballast Resistor is not necessary.
NOTE: Remove the coil terminal wires. The negative wire
connects to MSD White.The positive wire connects
to MSD Red. The MSD Orange connects to the
coil positive terminal, Black connects to the coil
negative terminal.
OR
GREEN
PN 8860
HARNESS
VIOLET
DISTRIBUTOR
WITH
MAGNETIC PICKUP
MSD CRANK
TRIGGER WHEEL
DISTRIBUTOR
ORANGE
BLACK
GRAY
TACH OUTPUT
RED
WHITE
FROM IGNITION KEY
(ORIGINAL COIL
WIRE)
MAGNETIC
PICKUP
DIGITAL 6AL
REV
LIMITER
(NOT USED)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com