Electronic Components Datasheet Search
  English  ▼

X  

6201 Datasheet(PDF) 15 Page - Mallory performance club

Part # 6201
Description  MSD Digital 6A and 6AL Ignition Control
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

6201 Datasheet(HTML) 15 Page - Mallory performance club

Back Button 6201 Datasheet HTML 11Page - Mallory performance club 6201 Datasheet HTML 12Page - Mallory performance club 6201 Datasheet HTML 13Page - Mallory performance club 6201 Datasheet HTML 14Page - Mallory performance club 6201 Datasheet HTML 15Page - Mallory performance club 6201 Datasheet HTML 16Page - Mallory performance club 6201 Datasheet HTML 17Page - Mallory performance club 6201 Datasheet HTML 18Page - Mallory performance club 6201 Datasheet HTML 19Page - Mallory performance club Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
INSTALLATION INSTRUCTIONS
15
MSD • WWW .MSDPERFORMANCE.COM • (915) 857-5200 • F AX (915) 857-3344
FORD IGNITIONS Wiring a Ford DuraSpark using White Wire Trigger.
WHITE
GREEN
RED
FORD COIL
CONNECTOR
TACH
ORANGE
BLACK
MAGNETIC PICKUP
(NOT USED)
GRAY
TACH OUTPUT
RED
WHITE
GREEN (-)
VIOLET (+)
DIGITAL 6AL
REV
LIMITER
FORD IGNITIONS
Wiring a Ford DuraSpark using Magnetic Pickup Trigger.
NOT
USED
FORD
DISTRIBUTOR
VIOLET
ORANGE
VIOLET
BLACK
(NOT USED)
DISTRIBUTOR
CONNECTOR-
DISCONNECT FROM
ORIGINAL HARNESS
GREEN
INDICATES CONNECTION
+
+
(NOT USED)
COVER
WITH TAPE
GREEN
RED
FORD COIL
CONNECTOR
TACH
ORANGE
BLACK
GRAY
TACH OUTPUT
RED
WHITE
PN 8860
HARNESS
MAGNETIC
PICKUP
CONNECTOR
GREEN (-)
VIOLET (+)
NOTE: MSD OFFERS A HARNESS, PN 8869
TO CONNECT THE MAGNETIC
PICKUP CONNECTOR TO THE FORD
DURASPARK CONNECTOR.
DIGITAL 6AL
REV
LIMITER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com