Electronic Components Datasheet Search
  English  ▼

X  

6201 Datasheet(PDF) 1 Page - Mallory performance club

Part # 6201
Description  MSD Digital 6A and 6AL Ignition Control
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

6201 Datasheet(HTML) 1 Page - Mallory performance club

  6201 Datasheet HTML 1Page - Mallory performance club 6201 Datasheet HTML 2Page - Mallory performance club 6201 Datasheet HTML 3Page - Mallory performance club 6201 Datasheet HTML 4Page - Mallory performance club 6201 Datasheet HTML 5Page - Mallory performance club 6201 Datasheet HTML 6Page - Mallory performance club 6201 Datasheet HTML 7Page - Mallory performance club 6201 Datasheet HTML 8Page - Mallory performance club 6201 Datasheet HTML 9Page - Mallory performance club Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
MSD • WWW .MSDPERFORMANCE.COM • (915) 857-5200 • F AX (915) 857-3344
INSTALLATION INSTRUCTIONS
1
Parts Included:
1 - MSD Ignition
1 - Harness, PN 8860
OPERATION AND FEATURES
DIGITAL OPERATION
The Digital 6A and 6AL use a high speed RISC microcontroller to control the ignition's output while
constantly analyzing the various inputs such as supply voltage, trigger signals and rpm. The high
speed controller can make extremely quick compensations to the output voltage, multiple spark
series, timing and rpm limits while maintaining precise timing and accurate rev limiting. The circuits
and controller of the MSD have been thoroughly filtered to create protection against Electro Magnetic
Interference (EMI).
CAPACITIVE DISCHARGE
The Digital 6A and 6AL feature a capacitive discharge ignition design. The majority of stock ignition
systems are inductive ignitions. In an inductive ignition, the coil must store and step up the voltage
to maximum strength in between each firing. At higher rpm, since there is less time to charge the coil
to full capacity, the voltage falls short of reaching maximum energy which results in a loss of power
or top end miss.
The MSD Ignition features a capacitor which is quickly charged with 520 - 535 volts and stores it until
the ignition is triggered. With the CD design, the voltage sent to the coil positive terminal is always
at full power even at high rpm.
MULTIPLE SPARKS
The MSD produces full power multiple sparks for each firing of a plug. The number of multiple sparks
that occur decreases as rpm increases, however the spark series always lasts for 20° of crankshaft
rotation. Above 3,000 rpm there is simply not enough “time” to fire the spark plug more than once,
so there is only one powerful spark.
PROTECTION
The Digital 6A and 6AL have a built in reverse polarity protection circuit. This will protect the ignition
in the event of wrong connections.
MSD Digital 6A and 6AL Ignition Control
6A - PN 6201/62013, 6AL - PN 6425/64253
1 - Main Harness
1 - Parts Bag
WARNING: During installation, disconnect the battery cables. When disconnecting the battery always
remove the Negative cable first and install it last.
6AL ONLY
4 - Vibration Mounts
1 - Screwdriver
Note: The Carb label supplied is required to aid in passing the California Smog Check program. This label
must be installed in an underhood location that is readily visible.
Note: If you're triggering an aftermarket EFI system with the Gray wire of the MSD, see page 5 to
deactivate the tach verification feature.
Important: When installing a Digital Series Ignition, timing will be affected, reset to your engine's
specifications.
ONLINE PRODUCT REGISTRATION: Register your MSD product online. Registering your product
will help if there is ever a warranty issue with your product and helps the MSD R&D team create
new products that you ask for! Go to www.msdperformance.com/registration.


Similar Part No. - 6201

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
620100126015 WURTH-620100126015 Datasheet
426Kb / 2P
2.00 MM PRE-CRIMPED CONTACT
logo
Tyco Electronics
62011-1 MACOM-62011-1 Datasheet
944Kb / 22P
FASTON Receptacles
logo
TE Connectivity Ltd
62011-1 TEC-62011-1 Datasheet
41Kb / 1P
THIS DRAWING IS A CONTROLLED DOCUMENT.
logo
Tyco Electronics
62011-2 MACOM-62011-2 Datasheet
944Kb / 22P
FASTON Receptacles
logo
TE Connectivity Ltd
62011-2 TEC-62011-2 Datasheet
41Kb / 1P
THIS DRAWING IS A CONTROLLED DOCUMENT.
More results

Similar Description - 6201

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
6A-PN6201 MALLORY-6A-PN6201 Datasheet
1Mb / 20P
MSD Digital 6A and 6AL Ignition Control
PN6421 MALLORY-PN6421 Datasheet
2Mb / 28P
MSD 6AL-2 Ignition Control
PN6520 MALLORY-PN6520 Datasheet
3Mb / 24P
MSD Digital 6 Plus Ignition Control
PN6014 MALLORY-PN6014 Datasheet
1Mb / 12P
MSD LS Ignition Control
PN65303 MALLORY-PN65303 Datasheet
728Kb / 20P
Programmable 6AL-2 Ignition Control
6014 MALLORY-6014 Datasheet
1Mb / 12P
MSD LS Ignition Control
6425 MALLORY-6425 Datasheet
1Mb / 20P
MSD Digital 6A and 6AL Ignition Control
PN6530 MALLORY-PN6530 Datasheet
728Kb / 20P
Programmable 6AL-2 Ignition Control
PN62013 MALLORY-PN62013 Datasheet
1Mb / 20P
MSD Digital 6A and 6AL Ignition Control
PN6201 MALLORY-PN6201 Datasheet
1Mb / 20P
MSD Digital 6A and 6AL Ignition Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com