Electronic Components Datasheet Search
  English  ▼

X  

6201 Datasheet(PDF) 13 Page - Mallory performance club

Part # 6201
Description  MSD Digital 6A and 6AL Ignition Control
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

6201 Datasheet(HTML) 13 Page - Mallory performance club

Back Button 6201 Datasheet HTML 9Page - Mallory performance club 6201 Datasheet HTML 10Page - Mallory performance club 6201 Datasheet HTML 11Page - Mallory performance club 6201 Datasheet HTML 12Page - Mallory performance club 6201 Datasheet HTML 13Page - Mallory performance club 6201 Datasheet HTML 14Page - Mallory performance club 6201 Datasheet HTML 15Page - Mallory performance club 6201 Datasheet HTML 16Page - Mallory performance club 6201 Datasheet HTML 17Page - Mallory performance club Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
INSTALLATION INSTRUCTIONS
13
MSD • WWW .MSDPERFORMANCE.COM • (915) 857-5200 • F AX (915) 857-3344
GM IGNITIONS Wiring with an MSD Wiring Harness.
HARNESS PN 8877
FACTORY HARNESS
(UNPLUGGED FROM COIL)
COIL
MAGNETIC PICKUP
(NOT USED)
GRAY
TACH OUTPUT
GREEN (-)
VIOLET (+)
RED
WHITE
BLACK
ORANGE
DIGITAL 6AL
REV
LIMITER
Harness PN 8876 - Dual Connector Coil.
Harness PN 8877 - 1996-on GM Vehicles.
GM IGNITIONS GM Large Cap HEI Distributors
FOUR PIN
SEVEN PIN
FIVE PIN
There are three different large cap HEI distributors. To identify
which of the following diagrams fit your specific application,
remove the distributor cap and rotor and locate the ignition module
at the base of the distributor. Count the number of terminals on
both ends of the module and follow the corresponding diagram.
GM used 4, 5, and 7-pin modules in these distributors.
NOTE: Some 5-pin models may experience a hesitation or stall
on deceleration. If this occurs, contact MSD Tech Line
for the required bolt-in diode to correct the problem. MSD
Tech Line (915) 855-7123.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com