Electronic Components Datasheet Search
  English  ▼

X  

P83CX80 Datasheet(PDF) 41 Page - NXP Semiconductors

Part # P83CX80
Description  80C51 type core
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P83CX80 Datasheet(HTML) 41 Page - NXP Semiconductors

Back Button P83CX80 Datasheet HTML 37Page - NXP Semiconductors P83CX80 Datasheet HTML 38Page - NXP Semiconductors P83CX80 Datasheet HTML 39Page - NXP Semiconductors P83CX80 Datasheet HTML 40Page - NXP Semiconductors P83CX80 Datasheet HTML 41Page - NXP Semiconductors P83CX80 Datasheet HTML 42Page - NXP Semiconductors P83CX80 Datasheet HTML 43Page - NXP Semiconductors P83CX80 Datasheet HTML 44Page - NXP Semiconductors P83CX80 Datasheet HTML 45Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 84 page
background image
1997 Dec 12
41
Philips Semiconductors
Product specification
Microcontrollers for monitors with DDC
interface, auto-sync detection and sync proc.
P83Cx80; P87C380
17 DISPLAY DATA CHANNEL (DDC) INTERFACE
The monitor typically includes a number of user controls to
set picture size, position, colour balance, brightness and
contrast. Furthermore, to optimize some internal setting for
different display modes, the timing characteristics should
be acquired by the control side. For factory alignment, it is
preferable to store the entire information in a non-volatile
memory to facilitate production automation. Normally,
monitors provide hardware control panels or a keypad to
perform this control. However, it is now popular for these
controls to go to the PC host. Therefore the
communication between monitor and host becomes an
issue. DDC1, DDC2B, DDC2B+ and DDC2AB
(ACCESS.bus) emerge as a standard for monitor
interface.
P83C880 is compliant to DDC1, DDC2B, DDC2B+ and
DDC2AB (ACCESS.bus). They also conform to the
detection sequence defined by VESA and ACCESS.bus
Industry Group and identify the protocol which they are
communicating with.
A transmitter clocked by the incoming VSYNC is dedicated
for DDC1 operation. An I2C-bus interface hardware logic
forms the kernel of DDC2B and DDC2AB. An address
pointer, DDCADR (address 9EH), with post increment
capability is employed to serve DDC1, DDC2B, DDC2B+
and DDC2AB modes.
The conceptual block diagram is illustrated in Fig.23.
17.1
Special Function Registers related to the DDC interface
Table 35 SFRs related to the DDC interface
17.1.1
DDC MODE STATUS AND DDC1 CONTROL REGISTER (DDCCON)
Table 36 DDC Mode Status and DDC1 Control Register (address 9DH)
ADDRESS
SFR
REMARKS
9CH
RAMBUF
See Section 7.3.1.
9DH
DDCCON
DDCCON, DDCADR and DDCDAT are mainly created for the DDC1 protocol; they are
explained in Sections 17.1.1 to 17.1.3.
9EH
DDCADR
9FH
DDCDAT
D8H
S1CON
One extra I2C-bus interface is used to serve DDC2B, DDC2B+ and DDC2AB. Therefore
S1CON, S1STA, S1DAT and S1ADR are just the copies of the corresponding registers
in the general I2C-bus interface. Their usage is exactly the same.
D9H
S1STA
DAH
S1DAT
DBH
S1ADR
76543210
−
EX_DAT
SWENB
−
DDC1_int
DDC1enable
SWH_int
M0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com