Electronic Components Datasheet Search
  English  ▼

X  

P83CX80 Datasheet(PDF) 28 Page - NXP Semiconductors

Part # P83CX80
Description  80C51 type core
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P83CX80 Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button P83CX80 Datasheet HTML 24Page - NXP Semiconductors P83CX80 Datasheet HTML 25Page - NXP Semiconductors P83CX80 Datasheet HTML 26Page - NXP Semiconductors P83CX80 Datasheet HTML 27Page - NXP Semiconductors P83CX80 Datasheet HTML 28Page - NXP Semiconductors P83CX80 Datasheet HTML 29Page - NXP Semiconductors P83CX80 Datasheet HTML 30Page - NXP Semiconductors P83CX80 Datasheet HTML 31Page - NXP Semiconductors P83CX80 Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 84 page
background image
1997 Dec 12
28
Philips Semiconductors
Product specification
Microcontrollers for monitors with DDC
interface, auto-sync detection and sync proc.
P83Cx80; P87C380
Fig.11 On-chip reset configuration.
handbook, full pagewidth
MGG022
SCHMITT
TRIGGER
RESET
CIRCUITRY
RRESET
overflow timer T2
Power-on-reset
RSTOUT
8 k
Ω
10
µF
VDD
on-chip circuit
RESET
POC
13.1
External reset
Pin RESET is connected to a Schmitt trigger for noise
reduction (see Fig.11). A reset is accomplished by holding
the RESET pin HIGH for at least 16 machine cycles (192
system clocks) while the oscillator is running.
An automatic reset can be obtained by switching on VDD,
if the RESET pin is connected to VDD via a capacitor and
a resistor as illustrated in Fig.11. The VDD rise time must
not exceed 10 ms and the capacitor should be at least
10
µF. The decrease of the RESET pin voltage depends
on the capacitor and the external resistor RRESET. The
voltage must remain above the lower threshold for at least
the oscillator start-up time plus 2 machine cycles.
13.2
Power-on-reset
An on-chip Power-on-reset circuit that detects the supply
voltage rise or fall and accordingly generates a power-on
reset pulse (see Fig.12).
In the case of supply voltage rise, the power-on reset
signal will follow the supply voltage rise; after reaching the
trip level Vt the power-on reset signal will maintain the
same behaviour, and returns to a LOW state after a time
interval Tp.
In the case of supply voltage fall, after the trip level Vt is
reached, the power-on reset signal will follow the
waveform of the supply voltage for time interval Tp.
The time interval Tp guarantees that a complete power-on
reset pulse can trigger the internal reset signal. However,
to ensure that the oscillator is stable before the controller
starts, the clock signals are gated away from the CPU for
a further 2048 oscillator cycles.
The values of Vt, Tp and a process tolerance of ±∆Vt can
be found in Chapter 25; currently Vt = 3.9 V, Tp =10 µs
and
∆Vt = 0.3 V.
13.3
T2 (Watchdog Timer Data Register) overflow
The length of the output pulse from T2 is 3 machine cycles.
A pulse of such short duration is necessary in order to
recover from a processor or system fault as fast as
possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com