Electronic Components Datasheet Search
  English  ▼

X  

P83CX80 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # P83CX80
Description  80C51 type core
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P83CX80 Datasheet(HTML) 3 Page - NXP Semiconductors

  P83CX80 Datasheet HTML 1Page - NXP Semiconductors P83CX80 Datasheet HTML 2Page - NXP Semiconductors P83CX80 Datasheet HTML 3Page - NXP Semiconductors P83CX80 Datasheet HTML 4Page - NXP Semiconductors P83CX80 Datasheet HTML 5Page - NXP Semiconductors P83CX80 Datasheet HTML 6Page - NXP Semiconductors P83CX80 Datasheet HTML 7Page - NXP Semiconductors P83CX80 Datasheet HTML 8Page - NXP Semiconductors P83CX80 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 84 page
background image
1997 Dec 12
3
Philips Semiconductors
Product specification
Microcontrollers for monitors with DDC
interface, auto-sync detection and sync proc.
P83Cx80; P87C380
1
FEATURES
• 80C51 type core
• On-chip oscillator with a maximum frequency of 16 MHz
(maximum 0.75
µs instruction cycle)
• A DDC interface:
– That fully supports DDC1 with specific hardware
– That is DDC2B, DDC2B+, DDC2AB (ACCESS.bus)
compliant, based on a dedicated hardware I2C-bus
interface.
– Contains a specific AUX-RAM buffer with
programmable size (128 or 256 bytes) that can be
used for DDC operation and shared as system RAM
• Automatic mode detection by hardware to capture the
following information:
– HSYNC frequency with 12-bit resolution
– VSYNC frequency with 12-bit resolution
– HSYNC and VSYNC polarity
– HSYNC and VSYNC presence; needed for the VESA
Device Power Management Signalling (DPMS)
standard
• On-chip sync processor comprising:
– Composite sync separation
– Free running mode
– Clamping
– Pattern generation
• Two specific ports for the software I2C-bus interface
• 4 analog voltage outputs derived from an 8-bit
Digital-to-Analog Converter (DAC)
• Ten 8-bit Pulse Width Modulation (PWM) outputs for
digital control application
• One 14-bit PWM output for digital control application
• One 4-bit Analog-to-Digital Converter (ADC) with 2 input
channels (for keyboard interface)
• LED driver port (Port 0); eight port lines with 10 mA drive
capability
• One 8-bit port only for I/O function
• 20 derivative I/O ports with the specific port type
configuration in each alternative function
• Watchdog Timer with a programmable interval
• On-chip Power-on-reset for low power detection
• Special Idle and Power-down modes for reduced power
operation
• Optimized for Electromagnetic Compatibility (EMC)
• Operating temperature: −25 to +85 °C
• Single power supply: 4.4 to 5.5 V.
1.1
Differences from the 80C51 core
• No external memory connection; signals EA, ALE and
PSEN are not present.
• Port 1, Port 2 and Port 3 (P3.0 to P3.3 only) mixed with
other derivative functions.
• Timer 0/Counter 0 and Timer 1/Counter 1: external
input is removed.
• External interrupt 0/INT0 replaced by Mode detection
function.
• Standard serial interface (UART) and its control register
are removed.
• Wake-up from Power-down mode is also possible by
means of an interrupt.
1.2
Memory
Table 1
ROM/RAM sizes
DEVICE
MEMORY
ROM
RAM
P83C880
8 kbytes
512 bytes
P83C180
16 kbytes
512 bytes
P83C280
24 kbytes
512 bytes
P83C380
32 kbytes
512 bytes
P87C380 (OTP)
16 kbytes
512 bytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com