Electronic Components Datasheet Search
  English  ▼

X  

P83CX80 Datasheet(PDF) 68 Page - NXP Semiconductors

Part # P83CX80
Description  80C51 type core
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P83CX80 Datasheet(HTML) 68 Page - NXP Semiconductors

Back Button P83CX80 Datasheet HTML 64Page - NXP Semiconductors P83CX80 Datasheet HTML 65Page - NXP Semiconductors P83CX80 Datasheet HTML 66Page - NXP Semiconductors P83CX80 Datasheet HTML 67Page - NXP Semiconductors P83CX80 Datasheet HTML 68Page - NXP Semiconductors P83CX80 Datasheet HTML 69Page - NXP Semiconductors P83CX80 Datasheet HTML 70Page - NXP Semiconductors P83CX80 Datasheet HTML 71Page - NXP Semiconductors P83CX80 Datasheet HTML 72Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 84 page
background image
1997 Dec 12
68
Philips Semiconductors
Product specification
Microcontrollers for monitors with DDC
interface, auto-sync detection and sync proc.
P83Cx80; P87C380
Table 69 Timing table for programming; see Fig.33
SYMBOL
PARAMETER
MIN.
TYP.
MAX.
UNIT
tsu(AW)
address set-up time write
2
−−µs
th(AW)
address hold time write
10
−−µs
tsu(AR)
address set-up time read
10
−−
ns
th(AR)
address hold time read
200
−−
ns
tsu(D)
data set-up time
2
−−µs
th(D)
data hold time
20
−−µs
tsu(prog)
programming voltage set-up time
10
−−µs
th(prog)
programming voltage hold time
10
−−µs
tW(prog)
programming pulse width
90
−−µs
tW(R)
read pulse width
300
−−
ns
tACC(OE)
output enable access verify
92
122
183
ns
tDZ(OE)
data float after OE
10
−−
ns
Fig.33 Programming waveforms.
handbook, full pagewidth
MGG051
DATA OUT VALID
DATA IN VALID
ADDRESS VALID
High Z
VIH
VIL
VPP
VPP
VIL
VIH
VIL
VIH
VIL
VIH
VIL
VIH
VIL
WE
address
A0 to A13
data out
DO0 to DO7
data in
DI0 to DI7
OE
tsu(AW)
10
µs
10
µs
th(AW)
tsu(AR)
th(AR)
tsu(D)
th(D)
tsu(prog)
th(prog)
tDZ(OE)
tACC(OE)
tW(R)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com