Electronic Components Datasheet Search
  English  ▼

X  

P83CX80 Datasheet(PDF) 33 Page - NXP Semiconductors

Part # P83CX80
Description  80C51 type core
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P83CX80 Datasheet(HTML) 33 Page - NXP Semiconductors

Back Button P83CX80 Datasheet HTML 29Page - NXP Semiconductors P83CX80 Datasheet HTML 30Page - NXP Semiconductors P83CX80 Datasheet HTML 31Page - NXP Semiconductors P83CX80 Datasheet HTML 32Page - NXP Semiconductors P83CX80 Datasheet HTML 33Page - NXP Semiconductors P83CX80 Datasheet HTML 34Page - NXP Semiconductors P83CX80 Datasheet HTML 35Page - NXP Semiconductors P83CX80 Datasheet HTML 36Page - NXP Semiconductors P83CX80 Datasheet HTML 37Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 84 page
background image
1997 Dec 12
33
Philips Semiconductors
Product specification
Microcontrollers for monitors with DDC
interface, auto-sync detection and sync proc.
P83Cx80; P87C380
14.2.1
COARSE ADJUSTMENT
An active HIGH pulse is generated in every subperiod; the
pulse width being determined by the contents of PWM10H.
The coarse output (OUT1) is HIGH at the start of each
subperiod and will remain HIGH until the time
[4/fclk × (128 − PWM10H)] has elapsed. The output will
then go LOW and remain LOW until the start of the next
subperiod. The coarse pulse width may be calculated as:
14.2.2
FINE ADJUSTMENT
Fine adjustment is achieved by generating an additional
pulse in specific subperiods. The pulse is added at the
start of the selected subperiod and has a pulse width of
4/fclk. The contents of PWM10L determine in which
subperiods a fine pulse will be added. It is the logic 0 state
of the value held in PWM10L that actually selects the
subperiods. When more than one bit is a logic 1 then the
subperiods selected will be a combination of those
subperiods specified in Table 30.
Pulse duration
PWM10H
()
4
f
clk
-------
×
=
For example, if PWM10L = 000 0101 then this is a
combination of:
• PWM10L = 000 0001: subperiod 64
• PWM10L = 000 0100: subperiods 16, 48, 80 and 112.
Pulses will be added in subperiods 16, 48, 64, 80 and 112.
This example is illustrated in Fig.18.
When PWM10L holds 000 0000 fine adjustment is
inhibited and the PWM10 output is determined only by the
contents of PWM10H.
Table 30 Additional pulse distribution
PWM10L
ADDITIONAL PULSE IN SUBPERIOD
000 0001
64
000 0010
32 and 96
000 0100
16, 48, 80 and 112
000 1000
8, 24, 40, 56, 72, 88, 104 and 120
001 0000
4, 12, 20, 28, 36, 44, 52...116 and 124
010 0000
2, 6, 10, 14, 18, 22, 26, 30...122 and 126
100 0000
1, 3, 5, 7, 9, 11, 13, 15, 17...125 and 127
Fig.16 PWM10 output patterns: Coarse adjustment only.
handbook, full pagewidth
127
0
1
2
128
− (m + 1)
128
− (m − 1)
128
− m
127
0
1
00
01
m
127
decimal value PWM7H data latch
4
fclk
MGG045



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com