Electronic Components Datasheet Search
  English  ▼

X  

P83C180 Datasheet(PDF) 39 Page - NXP Semiconductors

Part # P83C180
Description  80C51 type core
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P83C180 Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button P83C180 Datasheet HTML 35Page - NXP Semiconductors P83C180 Datasheet HTML 36Page - NXP Semiconductors P83C180 Datasheet HTML 37Page - NXP Semiconductors P83C180 Datasheet HTML 38Page - NXP Semiconductors P83C180 Datasheet HTML 39Page - NXP Semiconductors P83C180 Datasheet HTML 40Page - NXP Semiconductors P83C180 Datasheet HTML 41Page - NXP Semiconductors P83C180 Datasheet HTML 42Page - NXP Semiconductors P83C180 Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 84 page
background image
1997 Dec 12
39
Philips Semiconductors
Product specification
Microcontrollers for monitors with DDC
interface, auto-sync detection and sync proc.
P83Cx80; P87C380
16 DIGITAL-TO-ANALOG CONVERTER (DAC)
Four channels of linear voltage outputs mainly for the
horizontal and vertical position control are provided from
four sets of the Digital-to-Analog Converter (DAC).
The DACs are well tuned to meet the following specific
system requirements of the monitor.
• For a 21'' monitor, the shift per step by changing the data
of the DAC is expected to be 0.5 mm. Accordingly, the
DAC with 8-bit resolution is required.
• To avoid visible position shift due to environmental
temperature change, the drift of output level of the DAC
is less than 1.5 mV/
°C.
• To eliminate the visible jitter, the maximum tolerable
ripple for the output voltage of the DAC is less than
2 mV.
Each DAC comprises an 8-bit data latch, a voltage scaling
mechanism and an output driver.
A precise current reference is provided internally to serve
4 sets of DACs. The voltage sources with values weighted
by 20 up to 27 are switched according to the data input so
that the sum of the selected voltages gives the required
analog voltage from the output driver.
The range of the output voltage is approximately 0 to 5 V.
However, to fulfil some special requirement for current
driving capability, a very minor reduction (0.2 to 0.4 V) of
the output voltage range is acceptable.
The DAC outputs are protected against short-circuits to
VDDA and VSSA. To avoid the possibility of oscillation,
capacitive loading at the DAC outputs should not exceed
10 pF. In reduced power modes like Idle mode and
Power-down mode, the operation of the DACs can be
disabled to save the power consumption. In that case, the
outputs of the DACs are indeterminate.
Figure 20 illustrates the block diagram of the DAC.
16.1
8-bit Data Registers for the DAC outputs
(DACn; n = 0 to 3)
The DACs are individually programmed using an 8-bit
word to select an output from one of 256 voltage steps. For
VDDA = 5 V, the maximum output voltage of all DACs is 5 V
and the resolution is approximately 17.6 mV (5 V/256). At
power-on all DAC outputs are set to their lowest value:
00H (i.e. 0 V). The relevant SFRs for the DACs are
described in Table 33 and 34.
Table 33 8-bit Data Registers for the DAC outputs (address E9H to ECH)
Table 34 Description of DACn bits
76543210
DACn.7
DACn.6
DACn.5
DACn.4
DACn.3
DACn.2
DACn.1
DACn.0
BIT
SYMBOL
DESCRIPTION
7 to 0
DACn.7 to DACn.0
8-bit data for the DAC; channel n (n=0to3).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com