Electronic Components Datasheet Search
  English  ▼

X  

P83C180 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # P83C180
Description  80C51 type core
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P83C180 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button P83C180 Datasheet HTML 4Page - NXP Semiconductors P83C180 Datasheet HTML 5Page - NXP Semiconductors P83C180 Datasheet HTML 6Page - NXP Semiconductors P83C180 Datasheet HTML 7Page - NXP Semiconductors P83C180 Datasheet HTML 8Page - NXP Semiconductors P83C180 Datasheet HTML 9Page - NXP Semiconductors P83C180 Datasheet HTML 10Page - NXP Semiconductors P83C180 Datasheet HTML 11Page - NXP Semiconductors P83C180 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 84 page
background image
1997 Dec 12
8
Philips Semiconductors
Product specification
Microcontrollers for monitors with DDC
interface, auto-sync detection and sync proc.
P83Cx80; P87C380
6
FUNCTIONAL DESCRIPTION
This chapter gives a brief overview of the device.
Detailed functional descriptions are given in the following
chapters:
Chapter 7 “Memory organization”
Chapter 8 “Interrupts”
Chapter 9 “Watchdog Timer”
Chapter 10 “Input/Output (I/O)”
Chapter 11 “Reduced power modes”
Chapter 12 “Oscillator”
Chapter 13 “Reset”
Chapter 14 “Analog control (DC)”
Chapter 15 “Analog-to-digital converter (ADC)”
Chapter 16 “Digital-to-analog converter (DAC)”
Chapter 17 “Display Data Channel (DDC) interface”
Chapter 18 “I2C-bus Interface”
Chapter 19 “Hardware mode detection”
Chapter 20 “Power management”
Chapter 21 “Control modes”.
6.1
General
The P83C880, P83C180, P83C280, P83C380 and
P87C380 8-bit microcontrollers are manufactured in an
advanced CMOS process and are derivatives of the
80C51 microcontroller family. They have the same
instruction set as the 80C51.
They contain 512 bytes of data memory (RAM). ROM:
8 kbytes (P83C880); 16 kbytes (P83C180); 24 kbytes
(P83C280); 32 kbytes (P83C380) and 16 kbytes of
EPROM for the P87C180. The microcontrollers are
intended for use in monitors ranging from 14" to 21" that
can be controlled from the outside (e.g. by a PC) via the
external DDC interface.
In addition to the 80C51 standard functions, they provide a
number of dedicated hardware functions for monitor
application. Eight general I/O ports plus 20 functions
combined I/O ports cater for application requirements
adequately.
Ten sets of 8-bit PWM deliver the digital waveform for
analog control purposes. One 14-bit PWM can support
F to V application. The keyboard interface is achieved via
a 4-bit ADC. A Watchdog Timer with a maximum count
period of 5 s prevents the processor running out of control
due to malfunction. Four channels of linear DAC with 8-bit
resolution support more accurate analog controls.
One software I2C-bus interface is dedicated for the internal
connection. A DDC interface will cover all DDC protocols,
including DDC1, DDC2B, DDC2AB and DDC2B+.
A hardware mode detector will facilitate mode detection
even in power reduced modes, e.g. Idle mode.
The versatile HSYNC and VSYNC outputs can be
generated to serve the desired application. In the free
running mode, two display patterns can highlight the status
of the monitor. Accordingly, the following items will be
supported by these microcontrollers:
• Mode detection for:
–
Horizontal sync (HSYNC) frequencies from below
15 kHz up to 150 kHz
– Vertical sync (VSYNC) frequencies from below 40 Hz
up to 200 Hz
• ACCESS.bus interfacing with external devices, e.g. PCs
• DDC1, DDC2B, DDC2AB and DDC2B+ protocols as
defined in the VESA DDC standard
• Device Power Management Signalling (DPMS) as
described in VESA DPMS proposal.
Figure 1 shows the block diagram functions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com